Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA1371 Datasheet (PDF) - List of Unclassifed Manufacturers

HA1371 Datasheet PDF - List of Unclassifed Manufacturers
Part # HA1371
Download  HA1371 Download
File Size   389.47 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description CMOS Compatible Enable/Disable

HA1371 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA1371 Datasheet PDF - List of Unclassifed Manufacturers

Part # HA1371
Download  HA1371 Click to download

File Size   389.47 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description CMOS Compatible Enable/Disable

HA1371 Datasheet (HTML) - List of Unclassifed Manufacturers


HA1371 Product details

[NEL Frequency Controls]



Description

The HA-A1370 Seriesof quartz crystal oscillators provide enable/disable 3-state CMOS compatible signals for bus connected systems. Supplying Pin 1 of the HA-A1370units with a logic “0" enables the output on Pin 5. Alternately, supplying pin 1 of the HA-A1380units with a logic “1" enables its Pin 5 output. In the disabled mode, Pin 5 presents a high impedance to the load. All units are resistance welded in an all metal package, offering RFI shielding, and are designed to survive standard wave soldering operations without damage. Insulated standoffs to enhance board cleaning are standard.



Features

• Wide frequency range– 0.5MHz to 20.0MHz

• User specified tolerance available

• Will withstand vapor phase temperatures of 253°C for 4 minutes maximum

• Space-saving alternative to discrete component oscillators

• High shock resistance, to 3000g

• All metal, resistance weld, hermetically sealed package

• 3.3 Volt operation

• Low Jitter

• High Q Crystal actively tuned oscillator circuit

• Power supply decoupling internal

• No internal PLL avoids cascading PLL problems

• Low power consumption

• Gold plated leads - Solder dipped leads available upon request




Similar Part No. - HA1371

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA1370 ETC2-HA1370 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Hitachi Semiconductor
HA13705 HITACHI-HA13705 Datasheet
39Kb / 10P
IPIC Intelligent Power IC High Side Solenoid Driver
HA13705C HITACHI-HA13705C Datasheet
39Kb / 10P
IPIC Intelligent Power IC High Side Solenoid Driver
logo
Renesas Technology Corp
HA13721RP RENESAS-HA13721RP Datasheet
114Kb / 9P
CAN Transceiver
HA13721RP RENESAS-HA13721RP_15 Datasheet
139Kb / 11P
CAN Transceiver
More results


Similar Description - HA1371

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-1370 NEL-HS-1370 Datasheet
257Kb / 2P
CMOS Compatible Enable/Disable
HA-1210 NEL-HA-1210 Datasheet
298Kb / 2P
TTL Compatible Enable/Disable
HA-1380 NEL-HA-1380 Datasheet
288Kb / 2P
CMOS Compatible Enable/Disable
HS-A1370 NEL-HS-A1370 Datasheet
257Kb / 2P
CMOS Compatible Enable/Disable
HA-1210 NEL-HA-1210_12 Datasheet
61Kb / 2P
TTL Compatible Enable/Disable
HA-1380 NEL-HA-1380_10 Datasheet
60Kb / 2P
CMOS Compatible Enable/Disable
HA-A1370 NEL-HA-A1370_10 Datasheet
60Kb / 2P
CMOS Compatible Enable/Disable
HS-1200 NEL-HS-1200_10 Datasheet
58Kb / 2P
TTL Compatible Enable/Disable
HS-1370 NEL-HS-1370_10 Datasheet
58Kb / 2P
CMOS Compatible Enable/Disable
HS-A1370 NEL-HS-A1370_10 Datasheet
58Kb / 2P
CMOS Compatible Enable/Disable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com