Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7N65 Datasheet (PDF) - Chongqing Pingwei Enterprise co.,Ltd

7N65 Datasheet PDF - Chongqing Pingwei Enterprise co.,Ltd
Part # 7N65
Download  7N65 Download
File Size   194.24 Kbytes
Page   2 Pages
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd
Description 7A mps,650 Volts N-CHANNEL MOSFET

7N65 Datasheet (PDF)

Go To PDF Page Download Datasheet
7N65 Datasheet PDF - Chongqing Pingwei Enterprise co.,Ltd

Part # 7N65
Download  7N65 Click to download

File Size   194.24 Kbytes
Page   2 Pages
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd
Description 7A mps,650 Volts N-CHANNEL MOSFET

7N65 Datasheet (HTML) - Chongqing Pingwei Enterprise co.,Ltd


7N65 Product details

FEATURE
● 7A,650V,RDS(ON)=1.4Ω @VGS=10V/3.5A
● Low gate charge
● Low Ciss
● Fast switching
● 100% avalanche tested
● Improved dv/dt capability




Similar Part No. - 7N65

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N65 UTC-7N65 Datasheet
150Kb / 8P
7 Amps, 650 Volts 7 Amps, 650 Volts
7N65 UTC-7N65 Datasheet
180Kb / 6P
7.4 Amps, 650 Volts N-CHANNEL POWER MOSFET
7N65 UTC-7N65 Datasheet
173Kb / 6P
7.4A, 650V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
7N65 ISC-7N65 Datasheet
137Kb / 2P
Drain Current ID= 7A@ TC=25C
logo
DIYI Electronic Technol...
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
650V N-Channel Power MOSFET
More results


Similar Description - 7N65

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
2N65 CHONGQING-2N65 Datasheet
201Kb / 2P
2A mps,650 Volts N-CHANNEL MOSFET
4N65 CHONGQING-4N65 Datasheet
201Kb / 2P
4A mps,650 Volts N-CHANNEL MOSFET
6N60 CHONGQING-6N60 Datasheet
193Kb / 2P
6A mps,600 Volts N-CHANNEL MOSFET
7N60 CHONGQING-7N60 Datasheet
193Kb / 2P
7A mps,600 Volts N-CHANNEL MOSFET
8N60 CHONGQING-8N60 Datasheet
194Kb / 2P
8A mps,600 Volts N-CHANNEL MOSFET
8N65 CHONGQING-8N65 Datasheet
194Kb / 2P
8A mps,650 Volts N-CHANNEL MOSFET
10N65 CHONGQING-10N65 Datasheet
193Kb / 2P
F10A mps,650 Volts N-CHANNEL MOSFET
12N60 CHONGQING-12N60 Datasheet
194Kb / 2P
12A mps,600 Volts N-CHANNEL MOSFET
12N65 CHONGQING-12N65 Datasheet
194Kb / 2P
12A mps,650 Volts N-CHANNEL MOSFET
20N06 CHONGQING-20N06 Datasheet
193Kb / 2P
20A mps,60 Volts N-CHANNEL MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com