Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7N65 Datasheet (PDF) - DIYI Electronic Technology Co., Ltd.

7N65 Datasheet PDF - DIYI Electronic Technology Co., Ltd.
Part # 7N65
Download  7N65 Download
File Size   2227.64 Kbytes
Page   9 Pages
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.
Description 650V N-Channel Power MOSFET

7N65 Datasheet (PDF)

Go To PDF Page Download Datasheet
7N65 Datasheet PDF - DIYI Electronic Technology Co., Ltd.

Part # 7N65
Download  7N65 Click to download

File Size   2227.64 Kbytes
Page   9 Pages
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.
Description 650V N-Channel Power MOSFET

7N65 Datasheet (HTML) - DIYI Electronic Technology Co., Ltd.


7N65 Product details

Features
● RDS(ON)<1.5Ω @ VGS=10V
● Fast switching capability
● Low gate charge
● Lead free in compliance with EU RoHS directive.
● Green molding compound




Similar Part No. - 7N65

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N65 UTC-7N65 Datasheet
150Kb / 8P
7 Amps, 650 Volts 7 Amps, 650 Volts
7N65 UTC-7N65 Datasheet
180Kb / 6P
7.4 Amps, 650 Volts N-CHANNEL POWER MOSFET
7N65 UTC-7N65 Datasheet
173Kb / 6P
7.4A, 650V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
7N65 ISC-7N65 Datasheet
137Kb / 2P
Drain Current ID= 7A@ TC=25C
logo
Chongqing Pingwei Enter...
7N65 CHONGQING-7N65 Datasheet
194Kb / 2P
7A mps,650 Volts N-CHANNEL MOSFET
More results


Similar Description - 7N65

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM7N65 TSC-TSM7N65 Datasheet
404Kb / 9P
650V N-Channel Power MOSFET
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
650V N-Channel Power MOSFET
TSM7N65 TSC-TSM7N65_12 Datasheet
408Kb / 9P
650V N-Channel Power MOSFET
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
650V N-Channel Power MOSFET
TSM12N65 TSC-TSM12N65_15 Datasheet
844Kb / 8P
650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
4N65 DYELEC-4N65 Datasheet
2Mb / 10P
650V N-Channel Power MOSFET
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
650V N-Channel Power MOSFET
8N65 DYELEC-8N65 Datasheet
1Mb / 9P
650V N-Channel Power MOSFET
12N65 DYELEC-12N65 Datasheet
2Mb / 9P
650V N-Channel Power MOSFET
logo
Microdiode Semiconducto...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
650V N-Channel Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com