Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40N10F Datasheet (PDF) - Chongqing Pingwei Enterprise co.,Ltd

40N10F Datasheet PDF - Chongqing Pingwei Enterprise co.,Ltd
Part # 40N10F
Download  40N10F Download
File Size   194.01 Kbytes
Page   2 Pages
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd
Description 40A mps,100 Volts N-CHANNEL MOSFET

40N10F Datasheet (PDF)

Go To PDF Page Download Datasheet
40N10F Datasheet PDF - Chongqing Pingwei Enterprise co.,Ltd

Part # 40N10F
Download  40N10F Click to download

File Size   194.01 Kbytes
Page   2 Pages
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd
Description 40A mps,100 Volts N-CHANNEL MOSFET

40N10F Datasheet (HTML) - Chongqing Pingwei Enterprise co.,Ltd


40N10F Product details

FEATURE
● 40A, 100V, RDS(ON) = 40mΩ @VGS=10V/20A
● Low gate charge
● Low Ciss
● Fast switching
● 100% avalanche tested
● Improved dv/dt capability




Similar Part No. - 40N10F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
40N10 ISC-40N10 Datasheet
68Kb / 2P
Fast Switching
logo
VBsemi Electronics Co.,...
40N10 VBSEMI-40N10 Datasheet
983Kb / 8P
N-Channel 100-V (D-S) MOSFET
More results


Similar Description - 40N10F

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
2N60 CHONGQING-2N60 Datasheet
201Kb / 2P
2A mps,600 Volts N-CHANNEL MOSFET
6N60 CHONGQING-6N60 Datasheet
193Kb / 2P
6A mps,600 Volts N-CHANNEL MOSFET
7N60 CHONGQING-7N60 Datasheet
193Kb / 2P
7A mps,600 Volts N-CHANNEL MOSFET
7N65 CHONGQING-7N65 Datasheet
194Kb / 2P
7A mps,650 Volts N-CHANNEL MOSFET
8N60 CHONGQING-8N60 Datasheet
194Kb / 2P
8A mps,600 Volts N-CHANNEL MOSFET
8N65 CHONGQING-8N65 Datasheet
194Kb / 2P
8A mps,650 Volts N-CHANNEL MOSFET
10N60 CHONGQING-10N60 Datasheet
192Kb / 2P
10A mps,600 Volts N-CHANNEL MOSFET
10N65 CHONGQING-10N65 Datasheet
193Kb / 2P
F10A mps,650 Volts N-CHANNEL MOSFET
12N60 CHONGQING-12N60 Datasheet
194Kb / 2P
12A mps,600 Volts N-CHANNEL MOSFET
20N06 CHONGQING-20N06 Datasheet
193Kb / 2P
20A mps,60 Volts N-CHANNEL MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com