| Manufacturer | Part # | Datasheet | Description |
 SeCoS Halbleitertechnol... |
SCS715T
|
126Kb / 2P |
30 mA, 40 V Small Signal Schottky Diode
|
 Infineon Technologies A... |
BSS340NW
|
1Mb / 10P |
OptiMOS짧2 Small-Signal-Transistor, 30 V
Rev.2.0,2016-06-23 |
|
BSS123I
|
1Mb / 10P |
OptiMOSTM Small-Signal-Transistor, 100 V
Rev.2.1,2021-02-01 |
|
ISP26DP06NMS
|
643Kb / 11P |
OptiMOSTM Small Signal Transistor, -60 V
Rev.2.0,2019-03-25 |
|
ISP75DP06LM
|
1Mb / 11P |
OptiMOSTM Small Signal Transistor, -60 V
Rev.2.0,2019-03-25 |
|
ISP650P06NM
|
1Mb / 11P |
OptiMOSTM Small Signal Transistor, -60 V
Rev.2.0,2019-03-26 |
|
ISP13DP06NMS
|
747Kb / 11P |
OptiMOSTM Small Signal Transistor, -60 V
Rev.2.1,2019-01-30 |
|
ISP25DP06LM
|
1Mb / 11P |
OptiMOSTM Small Signal Transistor, -60 V
Rev.2.0,2019-03-26 |
|
ISS17EP06LM
|
1Mb / 11P |
OptiMOSTM Small Signal Transistor, -60 V
Rev.2.0,2019-03-25 |
|
ISP12DP06NM
|
1Mb / 11P |
OptiMOSTM Small Signal Transistor, -60 V
Rev.2.0,2019-03-26 |