Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB507 Datasheet (PDF) - fujitsu semiconductor

MB507 Datasheet PDF - fujitsu semiconductor
Part # MB507
Download  MB507 Download
File Size   90.15 Kbytes
Page   8 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 1.6GHz TWO MODULUS PRESCALER

MB507 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB507 Datasheet PDF - fujitsu semiconductor

Part # MB507
Download  MB507 Click to download

File Size   90.15 Kbytes
Page   8 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 1.6GHz TWO MODULUS PRESCALER

MB507 Datasheet (HTML) - fujitsu semiconductor


MB507 Product details

1.6GHz TWO MODULUS PRESCALER

The Fujitsu MB507 is a 1.6GHz two modulus prescaler used with a frequency synthesizer to form a Phase Locked Loop (PLL). It will divide the input frequency by the modulus of 128/129 or 256/257 and has an output level of 1.6V peak to peak on ECL level.

FEATURES
• High Frequency Operation 1.6GHz max.
• Power Dissipation 90mW typ.
• Pulse Swallow Function
• Wide Operation Temperature -40°C to +85°C
• Stable Output Amplitude VOUT = 1.6Vp–p
• Complete PLL synthesizer circuit with the Fujitsu MB87001A, PLL synthesizer IC
• Package
    Standard 8-pin Dual-In-Line Package (Suffix: –P)
    Standard 8-pin Flat Package (Suffix: –PF)




Similar Part No. - MB507

ManufacturerPart #DatasheetDescription
logo
Insel Rectifier India P...
MB50 IRI-MB50 Datasheet
585Kb / 4P
BRIDGE RECTIFIER
MB50-10 IRI-MB50-10 Datasheet
585Kb / 4P
BRIDGE RECTIFIER
MB50-12 IRI-MB50-12 Datasheet
585Kb / 4P
BRIDGE RECTIFIER
MB50-16 IRI-MB50-16 Datasheet
585Kb / 4P
BRIDGE RECTIFIER
logo
Mitsubishi Electric Sem...
MB50-CP MITSUBISHI-MB50-CP Datasheet
1Mb / 105P
TECHNICAL NOTES
More results


Similar Description - MB507

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGL2132 OKI-KGL2132 Datasheet
45Kb / 3P
2.0 GHz Two-Modulus Prescaler
KGL2135 OKI-KGL2135 Datasheet
45Kb / 3P
1.7 GHz Two-Modulus Prescaler
logo
fujitsu semiconductor
MB510 FUJITSU-MB510 Datasheet
74Kb / 6P
2.7GHz TWO MODULUS PRESCALER
MB508 FUJITSU-MB508 Datasheet
93Kb / 8P
2.3GHz TWO MODULUS PRESCALER
MB509 FUJITSU-MB509 Datasheet
104Kb / 9P
TWO MODULUS PRESCALER WITH STAND-BY MODE
logo
Freescale Semiconductor...
MC12019 FREESCALE-MC12019 Datasheet
237Kb / 3P
Dual Modulus Prescaler
logo
Motorola, Inc
MC12009 MOTOROLA-MC12009 Datasheet
214Kb / 15P
Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12015 LANSDALE-ML12015 Datasheet
310Kb / 4P
Dual Modulus Prescaler
ML12019 LANSDALE-ML12019 Datasheet
958Kb / 4P
Dual Modulus Prescaler
logo
Motorola, Inc
MC12015 MOTOROLA-MC12015 Datasheet
240Kb / 3P
Dual Modulus Prescaler
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com