Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB509 Datasheet (PDF) - fujitsu semiconductor

MB509 Datasheet PDF - fujitsu semiconductor
Part # MB509
Download  MB509 Download
File Size   104.64 Kbytes
Page   9 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description TWO MODULUS PRESCALER WITH STAND-BY MODE

MB509 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB509 Datasheet PDF - fujitsu semiconductor

Part # MB509
Download  MB509 Click to download

File Size   104.64 Kbytes
Page   9 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description TWO MODULUS PRESCALER WITH STAND-BY MODE

MB509 Datasheet (HTML) - fujitsu semiconductor


MB509 Product details

TWO MODULUS PRESCALER WITH STAND-BY MODE

The Fujitsu MB509 is a low power, two modulus prescaler equipped with the standby mode. The MB509 is used in conjunction with a frequency synthesizer to form a Phase Locked Loop (PLL) and will divide the input frequency by the modulus of 65/65 or 128/129.
Power consumption is typically 11.5mA at 5.0V. under normal operation, with the current reduced to180µA in standby mode. By using MB509 with the MB87076, intermittent operating mode can be achieved.

FEATURES
• High Frequency Operation: fmax = 1.1GHz max. (PIN = –4dBm min.)
• Pulse Swallow Function: 64/65, 128/129
• Power Supply Consumption: 58mW typ.
• Stand-by Current: 180µA typ.
• Stable Output Amplitude: VO = 1.6Vp–p typ.
• Complete PLL synthesizer circuit with the Fujitsu MB87076, PLL frequency synthesizer IC
• Plastic 8-pin Dual-In-Line Package (Suffix: –P)
    Plastic 8-pin Mini Flat Package (Suffix: –PF)
• Built-in a Termination Resistor
    Stable output amplitude is obtained up to output load capacitance of 8pF




Similar Part No. - MB509

ManufacturerPart #DatasheetDescription
logo
Insel Rectifier India P...
MB50 IRI-MB50 Datasheet
585Kb / 4P
BRIDGE RECTIFIER
MB50-10 IRI-MB50-10 Datasheet
585Kb / 4P
BRIDGE RECTIFIER
MB50-12 IRI-MB50-12 Datasheet
585Kb / 4P
BRIDGE RECTIFIER
MB50-16 IRI-MB50-16 Datasheet
585Kb / 4P
BRIDGE RECTIFIER
logo
Mitsubishi Electric Sem...
MB50-CP MITSUBISHI-MB50-CP Datasheet
1Mb / 105P
TECHNICAL NOTES
More results


Similar Description - MB509

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGL2132 OKI-KGL2132 Datasheet
45Kb / 3P
2.0 GHz Two-Modulus Prescaler
KGL2135 OKI-KGL2135 Datasheet
45Kb / 3P
1.7 GHz Two-Modulus Prescaler
logo
fujitsu semiconductor
MB510 FUJITSU-MB510 Datasheet
74Kb / 6P
2.7GHz TWO MODULUS PRESCALER
logo
ON Semiconductor
MC12095 ONSEMI-MC12095 Datasheet
43Kb / 8P
2.5 GHz Low Power Prescaler With Stand-By Mode
November, 2001 ??Rev. 5
logo
fujitsu semiconductor
MB508 FUJITSU-MB508 Datasheet
93Kb / 8P
2.3GHz TWO MODULUS PRESCALER
MB507 FUJITSU-MB507 Datasheet
90Kb / 8P
1.6GHz TWO MODULUS PRESCALER
logo
Motorola, Inc
MC12053A MOTOROLA-MC12053A Datasheet
252Kb / 5P
1.1 GHz Super Low Power Dual Modulus Prescaler With Stand-By Mode
MC12093 MOTOROLA-MC12093 Datasheet
244Kb / 3P
/2,/4,/8 1.1GHz Low Power Prescaler with Stand-By Mode
MC12095 MOTOROLA-MC12095 Datasheet
250Kb / 5P
2.5 GHz Low Power Prescaler With Stand-By Mode
MC12036A MOTOROLA-MC12036A Datasheet
100Kb / 4P
MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER WITH STAND?밄Y MODE
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com