Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8J66FRA Datasheet (PDF) - Rohm

SP8J66FRA Datasheet PDF - Rohm
Part # SP8J66FRA
Download  SP8J66FRA Download
File Size   2653.56 Kbytes
Page   15 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description -30V Pch Pch Power MOSFET

SP8J66FRA Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8J66FRA Datasheet PDF - Rohm

Part # SP8J66FRA
Download  SP8J66FRA Click to download

File Size   2653.56 Kbytes
Page   15 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description -30V Pch Pch Power MOSFET

SP8J66FRA Datasheet (HTML) - Rohm




Similar Part No. - SP8J66FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8J1 ROHM-SP8J1 Datasheet
67Kb / 5P
Switching (−30V, −5.0A)
SP8J1 ROHM-SP8J1 Datasheet
116Kb / 5P
4V Drive PchPch MOS FET
Appendix1-Rev1.1
SP8J1FU6TB ROHM-SP8J1FU6TB Datasheet
116Kb / 5P
4V Drive PchPch MOS FET
Appendix1-Rev1.1
SP8J1 ROHM-SP8J1_V01 Datasheet
116Kb / 5P
4V Drive PchPch MOS FET
Appendix1-Rev1.1
SP8J2 ROHM-SP8J2 Datasheet
66Kb / 5P
Switching (−30V, −4.5A)
More results


Similar Description - SP8J66FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RRH140P03 ROHM-RRH140P03_12 Datasheet
640Kb / 12P
Pch -30V -14A Power MOSFET
RRQ045P03FRA ROHM-RRQ045P03FRA Datasheet
777Kb / 14P
Pch -30V -4.5A Power MOSFET
UT6JA2 ROHM-UT6JA2 Datasheet
2Mb / 14P
-30V PchPch Middle Power MOSFET
SP8M4FRA ROHM-SP8M4FRA Datasheet
4Mb / 23P
30V NchPch Power MOSFET
RQ6E050AT ROHM-RQ6E050AT Datasheet
2Mb / 15P
Pch -30V -5A Power MOSFET
SP8M5FRA ROHM-SP8M5FRA Datasheet
4Mb / 22P
30V NchPch Power MOSFET
TT8J3 ROHM-TT8J3 Datasheet
2Mb / 13P
-30V PchPch Middle Power MOSFET
RS3E130AT ROHM-RS3E130AT Datasheet
2Mb / 15P
Pch -30V -13A Power MOSFET
TT8J2TR ROHM-TT8J2TR Datasheet
2Mb / 12P
-30V Pch Pch Middle Power MOSFET
QS8J4HZG ROHM-QS8J4HZG Datasheet
2Mb / 15P
-30V Pch Pch Small Signal MOSFET
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com