Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRF2401 Datasheet (PDF) - List of Unclassifed Manufacturers

NRF2401 Datasheet PDF - List of Unclassifed Manufacturers
Part # NRF2401
Download  NRF2401 Download
File Size   850.86 Kbytes
Page   37 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Single chip 2.4 GHz Transceiver

NRF2401 Datasheet (PDF)

Go To PDF Page Download Datasheet
NRF2401 Datasheet PDF - List of Unclassifed Manufacturers

Part # NRF2401
Download  NRF2401 Click to download

File Size   850.86 Kbytes
Page   37 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Single chip 2.4 GHz Transceiver

NRF2401 Datasheet (HTML) - List of Unclassifed Manufacturers


NRF2401 Product details

[nordic]

GENERAL DESCRIPTION
nRF2401 is a single-chip radio transceiver for the world wide 2.4 - 2.5 GHz ISM band. The transceiver consists of a fully integrated frequency synthesizer, a power amplifier, a crystal oscillator and a modulator. Output power and frequency channels are easily programmable by use of the 3-wire serial interface. Current consumption is very low, only 10.5mA at an output power of -5dBm and 18mA in receive mode. Built-in Power Down modes makes power saving easily realizable.

FEATURES
• True single chip GFSK transceiver in a small 24-pin package (QFN24 5x5mm)
• Data rate 0 to1Mbps
• Only 2 external components
• Multi channel operation
    • 125 channels
    • Channel switching time <200µs.
    • Support frequency hopping
• Data slicer / clock recovery of data
• Address and CRC computation
• DuoCeiver™ for simultaneous dual receiver topology
• ShockBurst™ mode for ultra-low power operation and relaxed MCU performance
• Power supply range: 1.9 to 3.6 V
• Low supply current (TX), typical 10.5mA peak @ -5dBm output power
• Low supply current (RX), typical 18mA peak in receive mode
• 100% RF tested
• No need for external SAW filter
• World wide use

APPLICATIONS
• Wireless mouse, keyboard, joystick
• Keyless entry
• Wireless data communication
• Alarm and security systems
• Home automation
• Home automation
• Surveillance
• Automotive
• Telemetry
• Intelligent sports equipment
• Industrial sensors
• Toys




Similar Part No. - NRF2401

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NRF2401A ETC1-NRF2401A Datasheet
248Kb / 38P
Single chip 2.4 GHz Transceiver
NRF2401A-EVKIT ETC1-NRF2401A-EVKIT Datasheet
248Kb / 38P
Single chip 2.4 GHz Transceiver
NRF2401AG ETC1-NRF2401AG Datasheet
248Kb / 38P
Single chip 2.4 GHz Transceiver
More results


Similar Description - NRF2401

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD54AC280 INTERSIL-CD54AC280 Datasheet
9Kb / 1P
2.4 GHZ WDECT/ISM SINGLE-CHIP TRANSCEIVER
June 1997
logo
ATMEL Corporation
T2803 ATMEL-T2803 Datasheet
501Kb / 27P
2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
T2802 ATMEL-T2802 Datasheet
550Kb / 29P
2.4 GHz WDECT/ISM SINGLE-CHIP TRANSCEIVER
logo
List of Unclassifed Man...
BT2577 ETC-BT2577 Datasheet
311Kb / 4P
2.4 GHZ RF TRANSCEIVER
NRF2402 ETC1-NRF2402 Datasheet
368Kb / 31P
Single chip 2.4 GHz Transmitter
NRF2401A ETC1-NRF2401A Datasheet
248Kb / 38P
Single chip 2.4 GHz Transceiver
logo
ATMEL Corporation
T2803 ATMEL-T2803_05 Datasheet
582Kb / 28P
2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
logo
Cypress Semiconductor
CYRF7936 CYPRESS-CYRF7936 Datasheet
1Mb / 21P
2.4 GHz CyFi??Transceiver
logo
Murata Manufacturing Co...
TRC104 MURATA-TRC104 Datasheet
1,023Kb / 33P
2.4 GHz RF Transceiver
logo
List of Unclassifed Man...
NRF24L01 ETC1-NRF24L01 Datasheet
457Kb / 39P
Single chip 2.4 GHz Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com