Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC7884 Datasheet (PDF) - California Eastern Labs

MC7884 Datasheet PDF - California Eastern Labs
Part # MC7884
Download  MC7884 Download
File Size   82.4 Kbytes
Page   2 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description NECs 870 MHz GaAs CATV POWER DOUBLER AMPLIFIER

MC7884 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC7884 Datasheet PDF - California Eastern Labs

Part # MC7884
Download  MC7884 Click to download

File Size   82.4 Kbytes
Page   2 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description NECs 870 MHz GaAs CATV POWER DOUBLER AMPLIFIER

MC7884 Datasheet (HTML) - California Eastern Labs




Similar Part No. - MC7884

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC7800 ONSEMI-MC7800 Datasheet
234Kb / 32P
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
MC7800 ONSEMI-MC7800 Datasheet
217Kb / 31P
1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
logo
New Jersey Semi-Conduct...
MC7800 NJSEMI-MC7800 Datasheet
427Kb / 6P
THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC7800 ONSEMI-MC7800 Datasheet
439Kb / 28P
Voltage Regulators - Positive 1.0 A
November, 2021 - Rev. 29
More results


Similar Description - MC7884

ManufacturerPart #DatasheetDescription
logo
NEC
MC-7845 NEC-MC-7845 Datasheet
108Kb / 2P
NECs 870 MHz GaAs CATV POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7831 CEL-MC-7831 Datasheet
209Kb / 3P
NECs 870 MHz GaAs CATV PUSH-PULL AMPLIFIER
07/08/2003
logo
ANADIGICS, Inc
ACA2401 ANADIGICS-ACA2401 Datasheet
242Kb / 16P
750/870 MHz CATV Power Doubler Line Amplifier
Rev 2.0
ACA2407E ANADIGICS-ACA2407E Datasheet
194Kb / 12P
750/870 MHz CATV Power Doubler Line Amplifier
Rev 2.1
logo
California Eastern Labs
MC-7834-KC CEL-MC-7834-KC_07 Datasheet
234Kb / 3P
NECs 870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
MC-7847-KC CEL-MC-7847-KC_07 Datasheet
229Kb / 3P
NECs 870 MHz GaAs CATV 25 dB POWER DOUBLER AMPLIFIER
MC-7881 CEL-MC-7881 Datasheet
290Kb / 7P
870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7882 CEL-MC-7882 Datasheet
290Kb / 7P
870 MHz CATV 20 dB POWER DOUBLER AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7845_2015 JMNIC-MC-7845_2015 Datasheet
41Kb / 6P
870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7846_2015 JMNIC-MC-7846_2015 Datasheet
41Kb / 6P
870 MHz CATV 22 dB POWER DOUBLER AMPLIFIER
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com