Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33972 Datasheet (PDF) - Motorola, Inc

MC33972 Datasheet PDF - Motorola, Inc
Part # MC33972
Download  MC33972 Download
File Size   506.66 Kbytes
Page   28 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Multiple Switch Detection Interface with Suppressed Wake-Up

MC33972 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33972 Datasheet PDF - Motorola, Inc

Part # MC33972
Download  MC33972 Click to download

File Size   506.66 Kbytes
Page   28 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Multiple Switch Detection Interface with Suppressed Wake-Up

MC33972 Datasheet (HTML) - Motorola, Inc


MC33972 Product details

Μultiple Switch Detection interface with Suppressed Wake-Up



The 33972 Multiple Switch Detection Interface with Suppressed Wake-Up is designed to detect the closing and opening of up to 22 switch contacts. The switch status, either open or closed, is transferred to the microprocessor unit (MCU) through a serial peripheral interface (SPI). The device also features a 22-to-1 analog multiplexer for reading inputs as analog. The analog input signal is buffered and provided on the AMUX output terminal for the MCU to read.

The 33972 device has two modes of operation, Normal and Sleep. Normal mode allows programming of the device and supplies switch contacts with pullup or pulldown current as it monitors switch change of state. The Sleep mode provides low quiescent current, which makes the 33972 ideal for automotive and industrial products requiring low sleep state currents.



Features

• Designed to Operate 5.5 V ≤ VPWR ≤ 26 V

• Switch Input Voltage Range -14 V to VPWR, 40 V Max

• Interfaces Directly to Microprocessor Using 3.3 V/5.0 V SPI Protocol

• Selectable Wake-Up on Change of State

• Selectable Wetting Current (16 mA or 2.0 mA)

• 8 Programmable Inputs (Switches to Battery or Ground)

• 14 Switch-to-Ground Inputs

• VPWR Standby Current 100 µA Typical, VDD Standby Current 20 µA Typical

• Active Interrupt (INT) on Change-of-Switch State

• Pb-Free Packaging Designated by Suffix Code EW



 




Similar Part No. - MC33972

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 28P
Multiple Switch Detection Interface with Suppressed Wake-Up
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 32P
Multiple Switch Detection Interface with Suppressed Wake-Up
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 32P
Multiple Switch Detection Interface with Suppressed Wake-up
logo
NXP Semiconductors
MC33972 NXP-MC33972 Datasheet
1Mb / 32P
Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
logo
Freescale Semiconductor...
MC33972A FREESCALE-MC33972A Datasheet
1Mb / 32P
Multiple Switch Detection Interface with Suppressed Wake-Up
More results


Similar Description - MC33972

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
Multiple Switch Detection Interface
logo
Freescale Semiconductor...
33975 FREESCALE-33975 Datasheet
881Kb / 32P
Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 28P
Multiple Switch Detection Interface with Suppressed Wake-Up
MC33972 FREESCALE-MC33972_08 Datasheet
1Mb / 32P
Multiple Switch Detection Interface with Suppressed Wake-Up
33975 FREESCALE-33975_08 Datasheet
1Mb / 34P
Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
33972 FREESCALE-33972_09 Datasheet
1Mb / 32P
Multiple Switch Detection Interface with Suppressed Wake-up
MC33975ATEK FREESCALE-MC33975ATEK Datasheet
883Kb / 32P
Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
logo
NXP Semiconductors
MC34972 NXP-MC34972 Datasheet
1Mb / 31P
Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 1.0, 9/2013
MC33972 NXP-MC33972 Datasheet
1Mb / 32P
Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
MC33975 NXP-MC33975 Datasheet
1Mb / 32P
Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
Rev 12.0, 08/2023
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com