Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG2012TK Datasheet (PDF) - NEC

UPG2012TK Datasheet PDF - NEC
Part # UPG2012TK
Download  UPG2012TK Download
File Size   306.0 Kbytes
Page   7 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NECs 쩌 W SINGLE CONTROL L, S-BAND SPDT SWITCH

UPG2012TK Datasheet (PDF)

Go To PDF Page Download Datasheet
UPG2012TK Datasheet PDF - NEC

Part # UPG2012TK
Download  UPG2012TK Click to download

File Size   306.0 Kbytes
Page   7 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NECs 쩌 W SINGLE CONTROL L, S-BAND SPDT SWITCH

UPG2012TK Datasheet (HTML) - NEC


UPG2012TK Product details

DESCRIPTION

The µPG2012TK is a GaAs MMIC for L-band SPDT (Single Pole Double Throw) switch which were developed for mobile phone and another L-band application.

This device can operate frequency from 0.5 GHz to 2.5 GHz, having the low insertion loss and high isolation.

This device is housed in a 6-pin lead-less minimold package (1511). And this package is able to high-density surface mounting.



FEATURES

• Supply voltage : VDD = 2.7 to 3.0 V (2.8 V TYP.)

• Switch control voltage : Vcont (H) = 2.7 to 3.0 V (2.8 V TYP.)

                                : Vcont (L) = −0.2 to +0.2 V (0 V TYP.)

• Low insertion loss : LINS1 = 0.27 dB TYP. @ f = 0.5 to 1.0 GHz, VDD = 2.8 V, Vcont = 2.8 V/0 V

                           : LINS2 = 0.30 dB TYP. @ f = 2.0 GHz, VDD = 2.8 V, Vcont = 2.8 V/0 V

                           : LINS3 = 0.30 dB TYP. @ f = 2.5 GHz, VDD = 2.8 V, Vcont = 2.8 V/0 V (Reference value)

• High isolation : ISL1 = 30 dB TYP. @ f = 0.5 to 2.0 GHz, VDD = 2.8 V, Vcont = 2.8 V/0 V

                       ISL2 = 30 dB TYP. @ f = 2.5 GHz, VDD = 2.8 V, Vcont = 2.8 V/0 V (Reference value)

• High-density surface mounting : 6-pin lead-less minimold package (1.5 × 1.1 × 0.55 mm)



APPLICATIONS

• L-band digital cellular or cordless telephone

• PCS, W-LAN, WLL and BluetoothTM etc.



 




Similar Part No. - UPG2012TK

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPG2012TK CEL-UPG2012TK Datasheet
363Kb / 8P
W SINGLE CONTROL L, S-BAND SPDT SWITCH
logo
NEC
UPG2012TK NEC-UPG2012TK Datasheet
109Kb / 9P
L-BAND SPDT SWITCH
logo
Renesas Technology Corp
UPG2012TK RENESAS-UPG2012TK Datasheet
309Kb / 11P
GaAs INTEGRATED CIRCUIT
2004
logo
NEC
UPG2012TK-E2 NEC-UPG2012TK-E2 Datasheet
109Kb / 9P
L-BAND SPDT SWITCH
logo
Renesas Technology Corp
UPG2012TK-E2 RENESAS-UPG2012TK-E2 Datasheet
309Kb / 11P
GaAs INTEGRATED CIRCUIT
2004
More results


Similar Description - UPG2012TK

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2179TB NEC-UPG2179TB Datasheet
248Kb / 9P
NECs 1.5W L, S-BAND SPDT SWITCH
UPG2214TB NEC-UPG2214TB Datasheet
513Kb / 11P
NECs 쩍W LOW VOLTAGE L, S-BAND SPDT SWITCH
UPG2009TB NEC-UPG2009TB Datasheet
134Kb / 8P
NECs L, S-BAND 4W SPDT SWITCH
UPG2030TB NEC-UPG2030TB Datasheet
124Kb / 9P
NECs 1W L, S-BAND SPDT SWITCH
UPG2006TB NEC-UPG2006TB Datasheet
265Kb / 10P
NECs 1.8 V L, S-BAND SPDT SWITCH
UPG2015TB NEC-UPG2015TB Datasheet
129Kb / 9P
NECs 1W SINGLE CONTROL L, S-BAND SPDT SWITCH
UPG2012TB NEC-UPG2012TB Datasheet
120Kb / 7P
NECs 1/4W SINGLE CONTROL L-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2160T5K CEL-UPG2160T5K Datasheet
344Kb / 13P
L, S-BAND SINGLE CONTROL SPDT SWITCH
UPG2012TK CEL-UPG2012TK Datasheet
363Kb / 8P
W SINGLE CONTROL L, S-BAND SPDT SWITCH
UPG2015TB CEL-UPG2015TB Datasheet
310Kb / 10P
1W SINGLE CONTROL L, S-BAND SPDT SWITCH
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com