Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH31-PCB500 Datasheet (PDF) - List of Unclassifed Manufacturers

AH31-PCB500 Datasheet PDF - List of Unclassifed Manufacturers
Part # AH31-PCB500
Download  AH31-PCB500 Download
File Size   323.72 Kbytes
Page   9 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description High Dynamic Range IF Amplifier

AH31-PCB500 Datasheet (PDF)

Go To PDF Page Download Datasheet
AH31-PCB500 Datasheet PDF - List of Unclassifed Manufacturers

Part # AH31-PCB500
Download  AH31-PCB500 Click to download

File Size   323.72 Kbytes
Page   9 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description High Dynamic Range IF Amplifier

AH31-PCB500 Datasheet (HTML) - List of Unclassifed Manufacturers


AH31-PCB500 Product details

[WJ]

Product Description

The AH31 is a high dynamic range amplifier in a low-cost surface-mount package. The combination of low noise figure, high gain, and high output IP3 is ideal as an IF amplifier for receiver and transmitter applications.

The device combines dependable performance with consistent quality to maintain MTTF values exceeding 1000 years at mounting temperatures of +85°C and is available in both the standard SOT-89 package and the environmentally-friendly lead-free/green/RoHS-compliant and green SOT-89 package. All devices are 100% RF & DC tested.

The MMIC amplifier based on GaAs MESFET technology can be configured for IF and RF applications with various current and next generation wireless technologies.



Product Features

• 50 – 1000 MHz

• 19 dB Gain

• +22 dBm P1dB

• +42 dBm OIP3

• 1.8 dB Noise Figure

• Single Voltage Supply (+5 V)

• Lead-free/Green/RoHS compliant SOT-89 Package

• MTTF > 1000 years



Applications

• High linearity and low-noise amplifier following a mixer

• High performance amplifier in IF path of TX/RX systems



 




Similar Part No. - AH31-PCB500

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH31-PCB500 WJCI-AH31-PCB500 Datasheet
270Kb / 8P
High Dynamic Range IF Amplifier
AH31-PCB500 WJCI-AH31-PCB500 Datasheet
326Kb / 7P
High Dynamic Range IF Amplifier
More results


Similar Description - AH31-PCB500

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH31-RFID WJCI-AH31-RFID Datasheet
270Kb / 8P
High Dynamic Range IF Amplifier
AH1 WJCI-AH1 Datasheet
229Kb / 5P
High Dynamic Range Amplifier
AH1-1 WJCI-AH1-1 Datasheet
231Kb / 5P
High Dynamic Range Amplifier
AH31 WJCI-AH31 Datasheet
326Kb / 7P
High Dynamic Range IF Amplifier
logo
M/A-COM Technology Solu...
MAAM-009116 MA-COM-MAAM-009116 Datasheet
211Kb / 4P
High Dynamic Range IF Amplifier 50 - 1000 MHz
logo
Mini-Circuits
PSA-0012 MINI-PSA-0012 Datasheet
145Kb / 1P
High Dynamic Range Monolithic IF Amplifier
logo
M/A-COM Technology Solu...
MAAM-009116 MA-COM-MAAM-009116 Datasheet
211Kb / 4P
High Dynamic Range IF Amplifier
AM-155-AMC-155 MA-COM-AM-155-AMC-155_15 Datasheet
83Kb / 3P
High Dynamic Range Amplifier
logo
TriQuint Semiconductor
AH31-G TRIQUINT-AH31-G_15 Datasheet
664Kb / 7P
High Dynamic Range IF Amplifier
logo
M/A-COM Technology Solu...
MAAM-009116 MA-COM-MAAM-009116_15 Datasheet
847Kb / 5P
High Dynamic Range IF Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com