Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9022 Datasheet (PDF) - List of Unclassifed Manufacturers

GS9022 Datasheet PDF - List of Unclassifed Manufacturers
Part # GS9022
Download  GS9022 Download
File Size   160.46 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Digital Video Serializer

GS9022 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS9022 Datasheet PDF - List of Unclassifed Manufacturers

Part # GS9022
Download  GS9022 Click to download

File Size   160.46 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Digital Video Serializer

GS9022 Datasheet (HTML) - List of Unclassifed Manufacturers


GS9022 Product details

[GENNUM]

DEVICE DESCRIPTION
The GS9022 is a monolithic bipolar integrated circuit designed to serialize SMPTE 125M and SMPTE 244M bit parallel digital signals as well as other 8 or 10 bit parallel formats.

FEATURES
• built-in 75 Ω cable driver with two serial outputs
• standard independent operation
• space saving 28 pin PLCC package
• 650 mW typical power dissipation (data output driving 75 Ω load).
• supports bit rates to 400 Mb/s
• accepts 8 bit and 10 bit TTL and CMOS compatible parallel data inputs
• fully compatible with SMPTE 259M serial digital standard
• single +5 or -5 volt supply

APPLICATIONS
• 4ƒSC, 4:2:2 and 360 Mb/s serial digital interfaces for:
    Video cameras VTRs
    Signal generators Portable equipment




Similar Part No. - GS9022

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9022A GENNUM-GS9022A Datasheet
245Kb / 7P
GENLINXTM GS9022A Digital Video Serializer
GS9022ACPJ GENNUM-GS9022ACPJ Datasheet
245Kb / 7P
GENLINXTM GS9022A Digital Video Serializer
GS9022ACPJE3 GENNUM-GS9022ACPJE3 Datasheet
245Kb / 7P
GENLINXTM GS9022A Digital Video Serializer
GS9022ACTJ GENNUM-GS9022ACTJ Datasheet
245Kb / 7P
GENLINXTM GS9022A Digital Video Serializer
GS9022ACTJE3 GENNUM-GS9022ACTJE3 Datasheet
245Kb / 7P
GENLINXTM GS9022A Digital Video Serializer
More results


Similar Description - GS9022

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC021 NSC-CLC021 Datasheet
428Kb / 18P
SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
CLC030 NSC-CLC030 Datasheet
329Kb / 29P
SMPTE 292M/259M Digital Video Serializer with Video and Ancilliary Data FIFOs and Integrated Cable Driver
logo
Gennum Corporation
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
HDTV Serial Digital Serializer
GS9022A GENNUM-GS9022A Datasheet
245Kb / 7P
GENLINXTM GS9022A Digital Video Serializer
GS9032 GENNUM-GS9032 Datasheet
244Kb / 10P
GENLINX-TM II GS9032 Digital Video Serializer
logo
National Semiconductor ...
CLC020 NSC-CLC020 Datasheet
362Kb / 15P
SMPTE 259M Digital Video Serializer with Integrated Cable Driver
logo
Gennum Corporation
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
HDTV Serial Digital Serializer
GS7032 GENNUM-GS7032 Datasheet
184Kb / 9P
Digital Video Serializer
logo
Texas Instruments
CLC021 TI1-CLC021_14 Datasheet
655Kb / 25P
SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
CLC020 TI1-CLC020 Datasheet
753Kb / 20P
CLC020 SMPTE 259M Digital Video Serializer with Integrated Cable Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com