Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AG101-PCB Datasheet (PDF) - List of Unclassifed Manufacturers

AG101-PCB Datasheet PDF - List of Unclassifed Manufacturers
Part # AG101-PCB
Download  AG101-PCB Download
File Size   179.15 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description High Dynamic Range Gain Block

AG101-PCB Datasheet (PDF)

Go To PDF Page Download Datasheet
AG101-PCB Datasheet PDF - List of Unclassifed Manufacturers

Part # AG101-PCB
Download  AG101-PCB Click to download

File Size   179.15 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description High Dynamic Range Gain Block

AG101-PCB Datasheet (HTML) - List of Unclassifed Manufacturers


AG101-PCB Product details

[WJ]

Product Description
The AG101 is a general purpose gain block that offers good dynamic range in a low cost surface mount package. The combination of flat OIP3 and noise figure performance over frequency makes it attractive for for both narrow band and broadband applications. Superior thermal design allows the product to achieve +32 dBm OIP3 performance at a mounting temperature of +85°C with an associated MTBF of >1000 years3. All devices are 100% RF and DC tested.

Product Features
• 60 - 3000 MHz
• +32 dBm Output IP3
• 2.4 dB Noise Figure
• 14 dB Gain
• +15 dBm P1dB
• MTBF >1000 Years
• SOT-89 SMT Package
• Single Bias Supply (+3.3 V or +4.5 V)




Similar Part No. - AG101-PCB

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG101-PCB WJCI-AG101-PCB Datasheet
396Kb / 6P
GaAs MMIC Gain Block
More results


Similar Description - AG101-PCB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM1 ETC-AM1 Datasheet
126Kb / 5P
High Dynamic Range Gain Block
logo
WJ Communication. Inc.
AG103 WJCI-AG103 Datasheet
167Kb / 5P
High Dynamic Range Gain Block
AG102 WJCI-AG102 Datasheet
399Kb / 6P
High Dynamic Range Gain Block
AM1 WJCI-AM1 Datasheet
404Kb / 6P
High Dynamic Range Gain Block
logo
Tyco Electronics
AM-155 MACOM-AM-155 Datasheet
155Kb / 3P
High Dynamic Range Amplifier, 12.5dB Gain, 300 - 1000 MHz
logo
WJ Communication. Inc.
AG103 WJCI-AG103_06 Datasheet
181Kb / 4P
High Dynamic Range Gain Block
AH3 WJCI-AH3 Datasheet
107Kb / 4P
High Dynamic Range Gain Block
logo
TriQuint Semiconductor
AG102-G TRIQUINT-AG102-G_15 Datasheet
737Kb / 6P
High Dynamic Range Gain Block
AH3-G TRIQUINT-AH3-G_15 Datasheet
506Kb / 7P
High Dynamic Range Gain Block
AM1-G TRIQUINT-AM1-G_15 Datasheet
752Kb / 6P
High Dynamic Range Gain Block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com