Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5100IS Datasheet (PDF) - Intersil Corporation

EL5100IS Datasheet PDF - Intersil Corporation
Part # EL5100IS
Download  EL5100IS Download
File Size   333.63 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 200MHz Slew Enhanced VFA

EL5100IS Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5100IS Datasheet PDF - Intersil Corporation

Part # EL5100IS
Download  EL5100IS Click to download

File Size   333.63 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 200MHz Slew Enhanced VFA

EL5100IS Datasheet (HTML) - Intersil Corporation


EL5100IS Product details

The EL5100, EL5101, and EL5300 represent high-speed voltage feedback amplifiers based on the current feedback amplifier architecture. This gives the typical high slew rate benefits of a CFA family along with the stability and ease of use associated with the VFA type architecture. This family is available in single, dual, and triple versions, with 200MHz, 400MHz, and 700MHz versions. This family operates on single 5V or ±5V supplies from minimum supply current. The EL5100 and EL5300 also feature an output enable function, which can be used to put the output in to a high-impedance mode. This enables the outputs of multiple amplifiers to betied together for use in multiplexing applications.



Features

• Pb-free plus anneal available (RoHS compliant)

• Specified for 5V or ±5V applications

• Power-down to 17µA/amplifier

• -3dB bandwidth = 200MHz

• ±0.1dB bandwidth = 20MHz

• Low supply current = 2.5mA

• Slew rate = 2200V/µs

• Low offset voltage = 4mV max

• Output current = 100mA

• AVOL = 1000

• Diff gain/phase = 0.08%/0.1°



Applications

• Video amplifiers

• PCMCIA applications

• A/D drivers

• Line drivers

• Portable computers

• High speed communications

• RGB applications

• Broadcast equipment

• Active filtering



 




Similar Part No. - EL5100IS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5100IS INTERSIL-EL5100IS Datasheet
681Kb / 14P
200MHz Slew Enhanced VFA
April 24, 2006
EL5100IS INTERSIL-EL5100IS Datasheet
346Kb / 15P
200MHz Slew Enhanced VFA
May 3, 2007
logo
Renesas Technology Corp
EL5100IS RENESAS-EL5100IS Datasheet
750Kb / 15P
200MHz Slew Enhanced VFA
logo
Intersil Corporation
EL5100IS-T13 INTERSIL-EL5100IS-T13 Datasheet
681Kb / 14P
200MHz Slew Enhanced VFA
April 24, 2006
EL5100IS-T13 INTERSIL-EL5100IS-T13 Datasheet
346Kb / 15P
200MHz Slew Enhanced VFA
May 3, 2007
More results


Similar Description - EL5100IS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5104 INTERSIL-EL5104 Datasheet
2Mb / 17P
700MHz Slew Enhanced VFA
October 26, 2005
EL5103 INTERSIL-EL5103 Datasheet
1,018Kb / 12P
400MHz Slew Enhanced VFAs
December 14, 2004
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
400MHz Slew Enhanced VFAs
October 3, 2005
EL5102 INTERSIL-EL5102_06 Datasheet
1Mb / 17P
400MHz Slew Enhanced VFAs
June 23, 2006
EL5100 INTERSIL-EL5100_06 Datasheet
681Kb / 14P
200MHz Slew Enhanced VFA
April 24, 2006
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
700MHz Slew-Enhanced VFAs
May 3, 2007
EL5100 INTERSIL-EL5100_07 Datasheet
346Kb / 15P
200MHz Slew Enhanced VFA
May 3, 2007
logo
Renesas Technology Corp
EL5100 RENESAS-EL5100 Datasheet
750Kb / 15P
200MHz Slew Enhanced VFA
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
700MHz Slew-Enhanced VFAs
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
400MHz Slew Enhanced VFAs
January 17, 2014
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com