Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52734SP Datasheet (PDF) - Mitsubishi Electric Semiconductor

M52734SP Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M52734SP
Download  M52734SP Download
File Size   100.13 Kbytes
Page   13 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 3-CHANNEL VIDEO AMPLIFICATION WITH OSD BLANKING

M52734SP Datasheet (PDF)

Go To PDF Page Download Datasheet
M52734SP Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M52734SP
Download  M52734SP Click to download

File Size   100.13 Kbytes
Page   13 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 3-CHANNEL VIDEO AMPLIFICATION WITH OSD BLANKING

M52734SP Datasheet (HTML) - Mitsubishi Electric Semiconductor


M52734SP Product details

DESCRIPTION
The M52734SP is a semiconductor integrated circuit amplifies video signals, having a 3-channel amplifier with a band width of 130MHz. The circuit also features the OSD mixing function.
The circuit is most useful with high resolution displays that have OSD, and its function are available for each channel, including OSD blanking, OSD mixing, wide-band amplification, contrast control (main and sub), and brightness control.

FEATURES
• Frequency band width: RGB................................130MHz (3VP-P)
                                        OSD..............................................50MHz
   Input :RGB.............................................................0.7VP-P (typ.)
             OSD...............................................3.0VP-P min. (positive)
             BLK ...............................................3.0VP-P min. (positive)
   Output :RGB...........................................................4.0VP-P (max.)
                OSD...........................................................4.0VP-P (max.)
• To adjust contrast, two types of controls are provided, main and
   sub. With the main control, the contrast of the 3-channels can be
   changed simultaneously. Sub controls are used to adjust the
   contrast of a given channel individually. The control terminals can
   be controlled by applying a voltage of 0 to 5V.
• The DC power remains stable at the IC output terminal because
   a feedback circuit is built in.

APPLICATION
   Display monitor




Similar Part No. - M52734SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52732SP MITSUBISHI-M52732SP Datasheet
78Kb / 11P
3-CHANNEL VIDEO AMPLIFICATION
M52733SP MITSUBISHI-M52733SP Datasheet
114Kb / 12P
3-CHANNEL VIDEO AMPLIFICATION WITH OSD BLANKING
M52737SP MITSUBISHI-M52737SP Datasheet
119Kb / 15P
3-CHANNEL VIDEO PREAMPLIFIER WITH OSD MIXING, RETRACE BLANKING
M52738P MITSUBISHI-M52738P Datasheet
24Kb / 3P
3-CHANNEL VIDEO PREAMPLIFIER WITH OSD MIXING, RETRACE BLANKING
M52739FP MITSUBISHI-M52739FP Datasheet
202Kb / 21P
IIC BUS controled 3channel video pre-amplifier for LCD display monitor.
More results


Similar Description - M52734SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52337SP MITSUBISHI-M52337SP Datasheet
110Kb / 17P
3-CHANNEL VIDEO PREAMPLIFIER WITH OSD MIXING FUNCTION FOR HIGH-RESOLUTION COLOR DISPLAYS
M52721SP MITSUBISHI-M52721SP Datasheet
75Kb / 10P
WIDEBAND VIDEO PREAMPLIFIER WITH OSD MIX
M52732SP MITSUBISHI-M52732SP Datasheet
78Kb / 11P
3-CHANNEL VIDEO AMPLIFICATION
M52733SP MITSUBISHI-M52733SP Datasheet
114Kb / 12P
3-CHANNEL VIDEO AMPLIFICATION WITH OSD BLANKING
M52737SP MITSUBISHI-M52737SP Datasheet
119Kb / 15P
3-CHANNEL VIDEO PREAMPLIFIER WITH OSD MIXING, RETRACE BLANKING
M52738P MITSUBISHI-M52738P Datasheet
24Kb / 3P
3-CHANNEL VIDEO PREAMPLIFIER WITH OSD MIXING, RETRACE BLANKING
M52321SP MITSUBISHI-M52321SP Datasheet
604Kb / 18P
3 CHANNEL VIDEO PREAMPLIFIER WITH OSD MIXING FUNTION FOR HIGH DEFINITION COLOR DISPLAYS
logo
Mitsumi Electronics, Co...
MM1381 MITSUMI-MM1381 Datasheet
268Kb / 10P
RGB Video Amplifier with OSD Input
logo
National Semiconductor ...
LM1212 NSC-LM1212 Datasheet
299Kb / 18P
230 MHz Video Amplifier System with OSD Blanking
logo
Analog Devices
ADV8002KBCZ-7B AD-ADV8002KBCZ-7B Datasheet
85Kb / 2P
Video Signal Processor with Bitmap OSD
Rev. SpA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com