Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52739FP Datasheet (PDF) - Mitsubishi Electric Semiconductor

M52739FP Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M52739FP
Download  M52739FP Download
File Size   202.81 Kbytes
Page   21 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description IIC BUS controled 3channel video pre-amplifier for LCD display monitor.

M52739FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M52739FP Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M52739FP
Download  M52739FP Click to download

File Size   202.81 Kbytes
Page   21 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description IIC BUS controled 3channel video pre-amplifier for LCD display monitor.

M52739FP Datasheet (HTML) - Mitsubishi Electric Semiconductor


M52739FP Product details

DESCRIPTION
M52739FP is integrated Circuit for LCD Display Monitor. It is controlled IIC BUS and Band Wide is 180MHz. It includes OSD Blanking ,OSD Mixing,Wide Band Amplifier,Main/Sub Contrast Main/Sub Brightness ,and 2 Input routes.
Vcc Voltage is 5V and Flat package is used. then it is the suitable to LCD monitor.

FEATURES
1. Frequency : RGB 180MHz(at -3dB)
   Band Width OSD 80MHz

2. Input :
   RGB Input D range:Max1VP-P positive
   2 input routes is changed by IIC BUS
   RGB OSD 3.5VP-P 5.0VP-P(positive)

3. Output : OSD BLK 3.5VP-P 5.0VP-P(positive)
                  RGB 2.2VP-P (Max)
                  OSD 2.0VP-P (Max)

4. Contrast :
   Output dynamic range 0.5 3.0V
   It can drive 14pF

5. Brightness :
   Both of sub and main contrast
   are controlled by IIC Bus(8bit).
   Control Range :-15dB +15dB.

6. OSD Adjust :
   Both of sub and main contrast
   are controlled by IIC Bus(8bit).
   Control Range :0.5V 3.0V.

   2 Control Ranges (Max1VP-P or Max2VP-P )
   are able to be changed by IIC Bus.




Similar Part No. - M52739FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52732SP MITSUBISHI-M52732SP Datasheet
78Kb / 11P
3-CHANNEL VIDEO AMPLIFICATION
M52733SP MITSUBISHI-M52733SP Datasheet
114Kb / 12P
3-CHANNEL VIDEO AMPLIFICATION WITH OSD BLANKING
M52734 MITSUBISHI-M52734 Datasheet
100Kb / 13P
3-CHANNEL VIDEO AMPLIFICATION WITH OSD BLANKING
M52734SP MITSUBISHI-M52734SP Datasheet
100Kb / 13P
3-CHANNEL VIDEO AMPLIFICATION WITH OSD BLANKING
M52737SP MITSUBISHI-M52737SP Datasheet
119Kb / 15P
3-CHANNEL VIDEO PREAMPLIFIER WITH OSD MIXING, RETRACE BLANKING
More results


Similar Description - M52739FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52742ASP MITSUBISHI-M52742ASP Datasheet
401Kb / 21P
BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52742SP MITSUBISHI-M52742SP Datasheet
143Kb / 21P
BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52746SP MITSUBISHI-M52746SP Datasheet
281Kb / 25P
BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
M52749FP MITSUBISHI-M52749FP Datasheet
185Kb / 25P
BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
M61301SP MITSUBISHI-M61301SP Datasheet
293Kb / 25P
BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
logo
List of Unclassifed Man...
NT68275 ETC-NT68275 Datasheet
1Mb / 38P
IIC Bus Controlled On-Screen Display
logo
Mitsubishi Electric Sem...
M61303FP MITSUBISHI-M61303FP Datasheet
1Mb / 22P
IIC BUS controled 3channel video pre-amplifier for LCD display monitor
logo
List of Unclassifed Man...
M51392P ETC1-M51392P Datasheet
14Kb / 1P
VIDEO AMPLIFIER FOR DISPLAY/MONITOR
logo
Renesas Technology Corp
M52749FP RENESAS-M52749FP Datasheet
328Kb / 27P
BUS Controlled 3ch Video Pre-amp for CRT Display Monitor
M61303FP RENESAS-M61303FP Datasheet
232Kb / 25P
I2C BUS Controlled 3channel Video Pre-amplifier for LCD Display Monitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com