Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404848 Datasheet (PDF) - Hitachi Semiconductor

HD404848 Datasheet PDF - Hitachi Semiconductor
Part # HD404848
Download  HD404848 Download
File Size   471.94 Kbytes
Page   125 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 4-Bit Single-Chip Microcomputer

HD404848 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD404848 Datasheet PDF - Hitachi Semiconductor

Part # HD404848
Download  HD404848 Click to download

File Size   471.94 Kbytes
Page   125 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 4-Bit Single-Chip Microcomputer

HD404848 Datasheet (HTML) - Hitachi Semiconductor


HD404848 Product details

Description
The HD404849 series of HMCS400-series microcomputers is designed to increase program productivity and also incorporate large-capacity memory. Each microcomputer has an LCD controller/driver, A/D converter, input capture circuit, 32-kHz oscillator for clock use, and four low-power dissipation modes.

Features
• 35 I/O pins, including nine high-current pins (15 mA, max.), eight pins multiplexed with LCD segment pins, and four pins multiplexed with analog input pins
• Four timer/counters
• Eight-bit input capture circuit
• Three timer outputs (including two PWM outputs)
• Two event counter inputs (including one in which the detection edge is programmable)
• Clock-synchronous 8-bit serial interface
• A/D converter (8 channels × 8 bits)
    - Operation voltage 2.7 V to 6.0 V
• LCD driver (32 segments × 4 commons)
• Built-in oscillators
    - Main clock: Can be driven by ceramic oscillator, crystal oscillator, or external clock.
    - Subclock: 32.768-kHz crystal
• Ten interrupt sources
    - Four by external sources, including two in which the detection edge is programmable
    - Six by internal sources
• Subroutine stack up to 16 levels, including interrupts
• Four low-power dissipation modes
    - Standby mode
    - Stop mode
    - Watch mode
    - Subactive mode
• One external input for transition from stop mode to active mode
• Instruction cycle time: 0.89 µs (fOSC = 4.5 MHz)
• Operation voltage
    - VCC = 2.7 V to 6.0 V (subactive mode: 2.2 V to 6.0 V) (HD404848, HD404849)
    - VCC = 2.7 V to 5.5 V (HD4074849)
• Two operating modes
    - MCU mode (HD404848, HD4048412, HD404849)
    - MCU/PROM mode (HD4074849 only)




Similar Part No. - HD404848

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD404848 RENESAS-HD404848 Datasheet
449Kb / 127P
4-Bit Single-Chip Microcomputer
HD404848FS RENESAS-HD404848FS Datasheet
449Kb / 127P
4-Bit Single-Chip Microcomputer
HD404848H RENESAS-HD404848H Datasheet
449Kb / 127P
4-Bit Single-Chip Microcomputer
HD404848TF RENESAS-HD404848TF Datasheet
449Kb / 127P
4-Bit Single-Chip Microcomputer
More results


Similar Description - HD404848

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63408 EPSON-S1C63408 Datasheet
170Kb / 3P
4-bit Single Chip Microcomputer
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
4-bit Single Chip Microcomputer
S1C63632 EPSON-S1C63632 Datasheet
129Kb / 2P
4-bit Single Chip Microcomputer
S1C63658 EPSON-S1C63658 Datasheet
152Kb / 3P
4-bit Single Chip Microcomputer
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com