Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1376 Datasheet (PDF) - NTE Electronics

NTE1376 Datasheet PDF - NTE Electronics
Part # NTE1376
Download  NTE1376 Download
File Size   24.16 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Audio Power Amplifier, 22W

NTE1376 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1376 Datasheet PDF - NTE Electronics

Part # NTE1376
Download  NTE1376 Click to download

File Size   24.16 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Audio Power Amplifier, 22W

NTE1376 Datasheet (HTML) - NTE Electronics


NTE1376 Product details

Description:

The NTE1376 is a monolithic integrated circuit in a 5–Lead TO220 type package intended for use as an audio class AB amplifier. Typically, it provides 22W output power (THD = 0.5%) at VS = 32V/4Ω. This device provides high output current and has very low harmonic and cross–over distortion. Further, the NTE1376 incorporates a short circuit protection system comprising an arrangement for automatically limiting the dissipated power so as to keep the working point of the output transistors within their safe operating area. A thermal shut–down system is also included.



 




Similar Part No. - NTE1376

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1370 NTE-NTE1370 Datasheet
23Kb / 2P
Integrated Circuit Audio Power Amplifier, 5.8W, for Car Radio
NTE1371 NTE-NTE1371 Datasheet
77Kb / 2P
Integrated Circuit Dual, Audio Power Amp, 5.3W/Ch
NTE1373 NTE-NTE1373 Datasheet
84Kb / 3P
Integrated Circuit Dual Audio Power Amplifier Circuit, 7.5W
NTE1375 NTE-NTE1375 Datasheet
20Kb / 2P
Integrated Circuit Audio Power Amp for Car Radio, 5.8W
NTE1377 NTE-NTE1377 Datasheet
23Kb / 2P
Integrated Circuit AF Power Amplifier, 6W/Channel
More results


Similar Description - NTE1376

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1359 NTE-NTE1359 Datasheet
21Kb / 2P
Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 22W/Ch
NTE1898 NTE-NTE1898 Datasheet
25Kb / 3P
Integrated Circuit Dual Audio Power Amp, 5.8W (22W BTL)
logo
KEC(Korea Electronics)
KIA3281H KEC-KIA3281H Datasheet
241Kb / 11P
BIPOLAR LINEAR INTEGRATED CIRCUIT (5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER)
KIA6210AH KEC-KIA6210AH Datasheet
223Kb / 11P
22W BTL DUAL AUDIO POWER AMPLIFIER
KIA6280H KEC-KIA6280H Datasheet
240Kb / 11P
BIPOLAR LINEAR INTEGRATED CIRCUIT (5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER)
logo
Hitachi Semiconductor
HA13128 HITACHI-HA13128 Datasheet
606Kb / 15P
22W DUAL BTL AUDIO POWER AMPLIFIER
logo
Wuxi Youda electronics ...
YD1008 YOUDA-YD1008 Datasheet
110Kb / 4P
22W HI-FI AUDIO POWER AMPLIFIER
logo
NTE Electronics
NTE7114 NTE-NTE7114 Datasheet
97Kb / 4P
Integrated Circuit Audio Power Amplifier, Quad 11W (2 x 22W)
NTE7041 NTE-NTE7041 Datasheet
30Kb / 3P
Dual, Audio Power Amplifier, 22W BTL
logo
Toshiba Semiconductor
TA7292P TOSHIBA-TA7292P Datasheet
944Kb / 13P
5.8W DUAL AUDIO POWER AMPLIFIER. 22W BTL AUDIO POWER AMPLIFIER.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com