Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3472 Datasheet (PDF) - Toshiba Semiconductor

2SK3472 Datasheet PDF - Toshiba Semiconductor
Part # 2SK3472
Download  2SK3472 Download
File Size   314.85 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Switching Regulator Applications

2SK3472 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3472 Datasheet PDF - Toshiba Semiconductor

Part # 2SK3472
Download  2SK3472 Click to download

File Size   314.85 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Switching Regulator Applications

2SK3472 Datasheet (HTML) - Toshiba Semiconductor


2SK3472 Product details

Switching Regulator Applications

• Low drain-source ON-resistance: RDS (ON) = 4.0 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 0.8 S (typ.)
• Low leakage current: IDSS = 100 μA (max) (VDS = 450 V)
• Enhancement model: Vth = 2.0 to 4.0 V (VDS = 10 V, ID = 1 mA)




Similar Part No. - 2SK3472

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3472 TOSHIBA-2SK3472 Datasheet
191Kb / 6P
Silicon N-Channel MOS Type Switching Regulator Applications
2SK3472 TOSHIBA-2SK3472 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
2SK3472 VBSEMI-2SK3472 Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK3472 ISC-2SK3472 Datasheet
398Kb / 2P
isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3472 TOSHIBA-2SK3472_06 Datasheet
191Kb / 6P
Silicon N-Channel MOS Type Switching Regulator Applications
More results


Similar Description - 2SK3472

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3309 TOSHIBA-2SK3309 Datasheet
234Kb / 6P
Switching Regulator Applications
TK09H90A TOSHIBA-TK09H90A Datasheet
239Kb / 6P
Switching Regulator Applications
logo
Sanyo Semicon Device
2SC5823 SANYO-2SC5823 Datasheet
39Kb / 4P
Switching Regulator Applications
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
Switching Regulator Applications Switching Regulator Applications
logo
KODENSHI_AUK CORP.
SMK0860P KODENSHI-SMK0860P Datasheet
426Kb / 8P
SWITCHING REGULATOR APPLICATIONS
SMK0460I-SPEC-SHEET KODENSHI-SMK0460I-SPEC-SHEET Datasheet
372Kb / 8P
SWITCHING REGULATOR APPLICATIONS
SMK0765F-1 KODENSHI-SMK0765F-1 Datasheet
439Kb / 8P
SWITCHING REGULATOR APPLICATIONS
SMK830D-1 KODENSHI-SMK830D-1 Datasheet
508Kb / 8P
SWITCHING REGULATOR APPLICATIONS
SMK0965FJ-1 KODENSHI-SMK0965FJ-1 Datasheet
419Kb / 8P
SWITCHING REGULATOR APPLICATIONS
SMK1060FJ-1 KODENSHI-SMK1060FJ-1 Datasheet
412Kb / 8P
SWITCHING REGULATOR APPLICATIONS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com