Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4552 Datasheet (PDF) - Asahi Kasei Microsystems

AK4552 Datasheet PDF - Asahi Kasei Microsystems
Part # AK4552
Download  AK4552 Download
File Size   112.3 Kbytes
Page   15 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 3V 96KHZ 24BIT CODEC

AK4552 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK4552 Datasheet PDF - Asahi Kasei Microsystems

Part # AK4552
Download  AK4552 Click to download

File Size   112.3 Kbytes
Page   15 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 3V 96KHZ 24BIT CODEC

AK4552 Datasheet (HTML) - Asahi Kasei Microsystems


AK4552 Product details

GENERAL DESCRIPTION

The AK4552 is a low voltage 24bit 96kHz A/D & D/A converter for digital audio system. In the AK4552, he loss of accuracy form clock jitter is also improved by using SCF techniques for on-chip post filter. Analog signal input/output of the AK4552 are single-ended, therefore, any external filters are not required. As the package is 16pin TSSOP, the AK4552 is a suitable for minimizing system.



FEATURES

□† HPF for DC-offset cancel (fc=3.4Hz@fs=44.1kHz)

†□ Single-ended ADC

    - S/(N+D): 89dB@VA=3.0V

    - Dynamic Range, S/N: 97dB@VA=3.0V

□† Single-ended DAC

    - Digital de-emphasis for 32kHz, 44.1kHz and 48kHz sampling

    - S/(N+D): 88dB@VA=3.0V

    - Dynamic Range, S/N: 100dB@VA=3.0V

□† Audio I/F format: MSB First, 2’s Compliment

    - ADC: 24bit MSB justified, DAC: 24bit LSB justified

□† Input/Output Voltage: ADC = 1.85Vpp@VA=3.0V

                        DAC = 1.75Vpp@VA=3.0V

□† Sampling Rate: 8kHz to 50kHz (Normal Speed)

                 50kHz to 100kHz (Double Speed, Double Speed Monitor)

                 100kHz to 200kHz (Quad Speed Monitor)

□† Master Clock: 256fs, 384fs, 512fs or 768fs@Normal Speed

                256fs or 384fs@Double Speed

                128fs or 192fs@Double Speed Monitor

                64fs, 96fs, 128fs or 192fs@Quad Speed Monitor

†□ Power Supply: 2.4 to 4.0V

†□ Power Supply Current: 14mA

†□ Ta = -40 to 85°C

†□ Very Small Package: 16pin TSSOP




Similar Part No. - AK4552

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4552 AKM-AK4552 Datasheet
329Kb / 33P
24bit A/D and D/A converter,
More results


Similar Description - AK4552

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4524 AKM-AK4524 Datasheet
320Kb / 31P
24BIT 96KHZ AUDIO CODEC
AK4528 AKM-AK4528 Datasheet
284Kb / 29P
HIGH PERFORMANCE 24BIT 96KHZ AUDIO CODEC
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
AK4524 AKM-AK4524_04 Datasheet
327Kb / 31P
24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528_04 Datasheet
304Kb / 29P
High Performance 24Bit 96kHz Audio CODEC
AK4556 AKM-AK4556 Datasheet
182Kb / 22P
3V 192kHz 24Bit ?誇 CODEC
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
24Bit 96kHz Audio CODEC with DIT/DIR
AKD4584 AKM-AKD4584_06 Datasheet
409Kb / 46P
the 24bit 96kHz CODEC
AK4524 AKM-AK4524_12 Datasheet
367Kb / 32P
24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528_12 Datasheet
281Kb / 30P
High Performance 24Bit 96kHz Audio CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com