Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4584 Datasheet (PDF) - Asahi Kasei Microsystems

AK4584 Datasheet PDF - Asahi Kasei Microsystems
Part # AK4584
Download  AK4584 Download
File Size   316.54 Kbytes
Page   53 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 24BIT 96KHZ AUDIO CODEC WITH DIT/DIR

AK4584 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK4584 Datasheet PDF - Asahi Kasei Microsystems

Part # AK4584
Download  AK4584 Click to download

File Size   316.54 Kbytes
Page   53 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 24BIT 96KHZ AUDIO CODEC WITH DIT/DIR

AK4584 Datasheet (HTML) - Asahi Kasei Microsystems


AK4584 Product details

GENERAL DESCRIPTION
AK4584 is a high-performance 24-bit CODEC for 96kHz consumer audio and digital recording applications. The on-board analog-to-digital converter has an impressive dynamic range, thanks in part to AKM’s Enhanced Dual-Bit architecture. The DAC features the newly developed Advanced Multi-Bit architecture and achieves low out-of-band noise and high jitter tolerance through the use of Switched Capacitor Filter (SCF) technology

FEATURES
1. 24bit 2ch ADC
• fs: max 96kHz
• Single-end Input
• S/(N+D): 90dB
• Dynamic Range, S/N: 100dB
• Digital HPF for offset cancellation
• Input PGA with +18dB gain & 0.5dB step
• Input DATT with –72dB ATT
• I/F format: MSB justified or I2S
2. 24bit 2ch DAC
• fs: max 192kHz
• 24bit 8 times Digital Filter - Ripple: ±0.005dB, Attenuation: 75dB
• Single-end Output
• S/(N+D): 94dB
• Dynamic Range, S/N: 104dB
• De-emphasis for 32kHz, 44.1kHz, 48kHz sampling
• Digital Attenuator with soft-transition
• Soft Mute
• Zero Detect Function
• I/F format: MSB justified, LSB justified or I2S
3. 3 Outputs 24 bit 192kHz DIT
• 3-Channel Transmission Outputs (2 Through outputs & DIT Output)
• 40 bits Channel Status Buffer
4. 4 Inputs 24bit 192kHz DIR
• Supports AES3, IEC60958, S/PDIF, EIAJ CP1201
• Low Jitter Analog PLL
• PLL Lock Range: 32k ∼ 192kHz
• Clock Source: PLL or X’tal
• 4 Digital Receive Channel inputs
• Detect Function
    - Non-PCM Bit Stream Detection
    - DTS-CD Bit Stream Detection
    - Validity Flag Detection
    - Sampling Frequency Detection
    - Unlock & Parity Error Detection
• 40 bits Channel Status Buffer
• Burst Preamble bit Pc, Pd Buffer for Non-PCM bit Stream
5. Support External Audio Clock Input
• Master Clock Input
    - 256fs, 384fs, 512fs, 768fs (fs = 44.1kHz ∼ 48kHz)
    - 256fs, 384fs (fs = 88.2kHz ∼ 96kHz)
    - 128fs, 192fs (fs = 176.4kHz ∼ 192kHz)
6. Support Master & Slave Mode
7. Serial µP I/F: 4-wire serial
8. 5V operation
9. 3V Power Supply Pin for 3V I/F
10. 44pin LQFP Package
11. Ta: −10 to 70°C




Similar Part No. - AK4584

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4584VQ AKM-AK4584VQ Datasheet
328Kb / 53P
24Bit 96kHz Audio CODEC with DIT/DIR
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
24Bit 96kHz Audio CODEC with DIT/DIR
More results


Similar Description - AK4584

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4112A AKM-AK4112A Datasheet
304Kb / 31P
High Feature 96kHz 24bit DIR
AK4353 AKM-AK4353 Datasheet
254Kb / 33P
96kHz 24BIT DAC WITH DIT
AK4364 AKM-AK4364 Datasheet
265Kb / 34P
96kHz 24BIT DAC WITH PLL AND DIT
AK4524 AKM-AK4524 Datasheet
320Kb / 31P
24BIT 96KHZ AUDIO CODEC
AK4528 AKM-AK4528 Datasheet
284Kb / 29P
HIGH PERFORMANCE 24BIT 96KHZ AUDIO CODEC
AK4524 AKM-AK4524_04 Datasheet
327Kb / 31P
24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528_04 Datasheet
304Kb / 29P
High Performance 24Bit 96kHz Audio CODEC
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
24Bit 96kHz Audio CODEC with DIT/DIR
AK4524 AKM-AK4524_12 Datasheet
367Kb / 32P
24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528_12 Datasheet
281Kb / 30P
High Performance 24Bit 96kHz Audio CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com