Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4364 Datasheet (PDF) - Asahi Kasei Microsystems

AK4364 Datasheet PDF - Asahi Kasei Microsystems
Part # AK4364
Download  AK4364 Download
File Size   265.27 Kbytes
Page   34 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 96kHz 24BIT DAC WITH PLL AND DIT

AK4364 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK4364 Datasheet PDF - Asahi Kasei Microsystems

Part # AK4364
Download  AK4364 Click to download

File Size   265.27 Kbytes
Page   34 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 96kHz 24BIT DAC WITH PLL AND DIT

AK4364 Datasheet (HTML) - Asahi Kasei Microsystems


AK4364 Product details

GENERAL DESCRIPTION
The AK4364 is a stereo CMOS D/A Converter and Phase Locked Loop for use in digital video broadcast set-top box applications or DVD. The DAC signal outputs are single-ended and are analog filtered to remove out of band noise. Therefore no external filters are required. The PLL provides selectable sampling clock frequencies locked to the 27MHz recovered MPEG clock. The AK4364 has also Digital Audio Interface Transmitter.

FEATURES
□ Stereo ∆Σ DAC
□ S/(N+D): 90dB@5V
□ DR: 102dB@5V
□ S/N: 102dB@5V
□ Multiple Sampling Frequencies:
    16kHz, 22.05kHz, 24kHz (Half speed)
    32kHz, 44.1kHz, 48kHz (Normal speed)
    64kHz, 88.2kHz, 96kHz (Double speed)
□ On-Chip Low Jitter Analog PLL:
    Multiple Master Clock Frequencies generated from 27MHz
    256fs/384fs/512fs/768fs/1024fs/1536fs for Half speed
    256fs/384fs/512fs/768fs for Normal speed
    128fs/192fs/256fs/384fs for Double speed
□ Master Clock: PLL / External
□ Data Input Formats: LSB justified / MSB justified / I2S selectable
□ Selectable Function:
    Soft Mute
    Digital Attenuator (256 Steps)
    Digital De-emphasis (44.1kHz/48kHz/32kHz)
□ Output Mode: Stereo, Mono, Reverse, Mute
□ On-Chip Digital Audio Interface Transmitter: Compatible with S/PDIF, IEC958, AES/EBU & EIAJ CP1201 consumer mode
□ Input Level:TTL/CMOS Selectable
□ Output Level: 3.0Vpp@5V
□ Control mode: 3-wire Serial / I2C Bus
□ Low Power Dissipation: 80mW@5V
□ Small 24pin VSOP Package
□ Power Supply: 2.7∼5.5V
□ Ta: -40∼85°C




Similar Part No. - AK4364

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK4364096D ACCUTEK-AK4364096D Datasheet
113Kb / 2P
262,144 X 8 Bit MOS Dynamic Random Access Memory
AK4364096D ACCUTEK-AK4364096D Datasheet
89Kb / 2P
16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK4364096D ACCUTEK-AK4364096D Datasheet
82Kb / 2P
32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK4364096D ACCUTEK-AK4364096D Datasheet
89Kb / 2P
32,768 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK4364096D ACCUTEK-AK4364096D Datasheet
86Kb / 2P
65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results


Similar Description - AK4364

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4353 AKM-AK4353 Datasheet
254Kb / 33P
96kHz 24BIT DAC WITH DIT
AK4363 AKM-AK4363 Datasheet
248Kb / 29P
96kHz 24Bit DAC with PLL
AK4380 AKM-AK4380 Datasheet
226Kb / 21P
100dB 24BIT 96kHz 2CH DAC
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
24Bit 96kHz Audio CODEC with DIT/DIR
AKD4344-A AKM-AKD4344-A Datasheet
706Kb / 34P
24bit and 96kHz DAC with DIT for portable and home audio systems
AKD4345-A AKM-AKD4345-A Datasheet
705Kb / 34P
24bit and 96kHz DAC with DIT for portable and home audio systems
AKD4363 AKM-AKD4363_05 Datasheet
381Kb / 34P
96kHz 24bit D/A converter with PLL
AKD4380 AKM-AKD4380_04 Datasheet
230Kb / 21P
96kHz sampling 24Bit?誇DAC
AK4324 AKM-AK4324 Datasheet
166Kb / 18P
96kHz Sampling 24Bit DS DAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com