Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4589 Datasheet (PDF) - Asahi Kasei Microsystems

AK4589 Datasheet PDF - Asahi Kasei Microsystems
Part # AK4589
Download  AK4589 Download
File Size   797.42 Kbytes
Page   76 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 2/8 CHANNEL AUDIO CODEC WITH DIR

AK4589 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK4589 Datasheet PDF - Asahi Kasei Microsystems

Part # AK4589
Download  AK4589 Click to download

File Size   797.42 Kbytes
Page   76 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 2/8 CHANNEL AUDIO CODEC WITH DIR

AK4589 Datasheet (HTML) - Asahi Kasei Microsystems


AK4589 Product details

GENERAL DESCRIPTION
The AK4589 is a single chip CODEC that includes two channels of ADC and eight channels of DAC. The ADC outputs 24bit data and the DAC accepts up to 24bit input data. The ADC has the Enhanced Dual Bit architecture with wide dynamic range. The DAC introduces the new developed Advanced Multi-Bit architecture, and achieves wider dynamic range and lower outband noise. The AK4589 has a dynamic range of 102dB for ADC, 114dB for DAC and is well suited for digital surround for home theater audio. The AK4589 also has the balance volume control corresponding to the Dolby Digital (AC-3) system.

FEATURES
□ ADC/DAC part
    • 2ch 24bit ADC
        - 64x Oversampling
        - Sampling Rate up to 96kHz
        - Linear Phase Digital Anti-Alias Filter
        - Single-Ended Input
        - S/(N+D): 92dB
        - Dynamic Range, S/N: 102dB
        - Digital HPF for offset cancellation
        - Overflow flag
    • 8ch 24bit DAC
        - 128x Oversampling
        - Sampling Rate up to 192kHz
        - 24bit 8 times Digital Filter
        - Differential Outputs
        - On-chip Switched-Capacitor Filter
        - S/(N+D): 94dB
        - Dynamic Range, S/N: 114dB
        - Individual channel digital volume with 128 levels and 0.5dB step
        - Soft mute
        - De-emphasis for 32kHz, 44.1kHz, 48kHz
        - Zero Detect Function
    • High Jitter Tolerance
    • Extenal Master Clock Input:
        - 256fs, 384fs, 512fs (fs=32kHz ∼ 48kHz)
        - 128fs, 192fs, 256fs (fs=64kHz ∼ 96kHz)
        - 128fs (fs=120kHz ∼ 192kHz)




Similar Part No. - AK4589

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4589VQ AKM-AK4589VQ Datasheet
815Kb / 76P
2/8-Channel Audio CODEC with DIR
AK4589 AKM-AK4589_1 Datasheet
815Kb / 76P
2/8-Channel Audio CODEC with DIR
More results


Similar Description - AK4589

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4586 AKM-AK4586 Datasheet
586Kb / 54P
MULTI CHANNEL AUDIO CODEC WITH DIR
AK4588 AKM-AK4588 Datasheet
787Kb / 76P
2/8 CHANNEL AUDIO CODEC WITH DIR
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
AK4683 AKM-AK4683 Datasheet
1Mb / 82P
Asynchronous Multi-Channel Audio CODEC with DIR/T
logo
Integrated Device Techn...
STAC9202 IDT-STAC9202 Datasheet
965Kb / 135P
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
logo
Asahi Kasei Microsystem...
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
24Bit 96kHz Audio CODEC with DIT/DIR
AK4589 AKM-AK4589_1 Datasheet
815Kb / 76P
2/8-Channel Audio CODEC with DIR
AK4683 AKM-AK4683_07 Datasheet
1Mb / 84P
Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4683 AKM-AK4683_10 Datasheet
980Kb / 83P
Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4612VQ AKM-AK4612VQ Datasheet
1Mb / 68P
6/8-Channel Audio CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com