Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX452AQF Datasheet (PDF) - Sony Corporation

ICX452AQF Datasheet PDF - Sony Corporation
Part # ICX452AQF
Download  ICX452AQF Download
File Size   38.92 Kbytes
Page   2 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 9.04 mm (Type 1/1.8) 5.13M-Pixel CCD Image Sensor for High-Resolution Digital Still Cameras

ICX452AQF Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX452AQF Datasheet PDF - Sony Corporation

Part # ICX452AQF
Download  ICX452AQF Click to download

File Size   38.92 Kbytes
Page   2 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 9.04 mm (Type 1/1.8) 5.13M-Pixel CCD Image Sensor for High-Resolution Digital Still Cameras

ICX452AQF Datasheet (HTML) - Sony Corporation


ICX452AQF Product details

Diagonal 9.04 mm (Type 1/1.8) 5.13M-Pixel CCD Image Sensor

for High-Resolution Digital Still Cameras



The needs for higher pixel counts and further miniaturization are increasing in the digital still camera market that has been experiencing rapid and continuous growth for several years. Sony has now developed the ICX452AQ/AQF diagonal 9.04 mm (Type 1/1.8) 5.13M-pixel CCD image sensor to respond to these needs.



■ ICX452AQ: Primary color filters, DIP

    ICX452AQF: Primary color filters, SOP

■ Diagonal 9.04 mm (Type 1/1.8), effective

    5.13M pixels (2616H ×1960V)

■ Three-field readout method

■ High sensitivity: 235 mV (G signal)

■ High saturation signal level: 500 mV




Similar Part No. - ICX452AQF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICX454 ETC-ICX454 Datasheet
31Kb / 2P
Progressive Scan 2.04M-Pixel Diagonal 6.72 mm (Type 1/2.7) Digital Still Camera CCD
ICX454DQ ETC-ICX454DQ Datasheet
31Kb / 2P
Progressive Scan 2.04M-Pixel Diagonal 6.72 mm (Type 1/2.7) Digital Still Camera CCD
ICX454DQF ETC-ICX454DQF Datasheet
31Kb / 2P
Progressive Scan 2.04M-Pixel Diagonal 6.72 mm (Type 1/2.7) Digital Still Camera CCD
ICX456AQ ETC1-ICX456AQ Datasheet
131Kb / 2P
High-Resolution 8.13M-Pixel Diagonal 11.07 mm (Type 2/3) Color CCD for Consumer Digital Still Cameras Supports 30 frames/s VGA Moving Picture Imaging
ICX456AQF ETC1-ICX456AQF Datasheet
131Kb / 2P
High-Resolution 8.13M-Pixel Diagonal 11.07 mm (Type 2/3) Color CCD for Consumer Digital Still Cameras Supports 30 frames/s VGA Moving Picture Imaging
More results


Similar Description - ICX452AQF

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX252AK SONY-ICX252AK Datasheet
428Kb / 30P
Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AKF SONY-ICX252AKF Datasheet
482Kb / 30P
Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AQ SONY-ICX252AQ Datasheet
427Kb / 30P
Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AQF SONY-ICX252AQF Datasheet
431Kb / 30P
Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX262AQ SONY-ICX262AQ Datasheet
424Kb / 30P
Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX262AQF SONY-ICX262AQF Datasheet
427Kb / 30P
Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX274AQF SONY-ICX274AQF Datasheet
931Kb / 72P
Diagonal 8.923mm (Type 1/1.8) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX412AQF SONY-ICX412AQF Datasheet
347Kb / 30P
Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
logo
List of Unclassifed Man...
ICX489AQF ETC-ICX489AQF Datasheet
45Kb / 2P
High-Resolution 7.24M-Pixel Diagonal 9.107 mm (Type 1/1.8) Color CCD for Consumer Digital Still Cameras Supports VGA Moving Picture Imaging
logo
Sony Corporation
ICX413AQ SONY-ICX413AQ Datasheet
187Kb / 18P
Diagonal 28.40mm (Type 1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com