Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1537 Datasheet (PDF) - NTE Electronics

NTE1537 Datasheet PDF - NTE Electronics
Part # NTE1537
Download  NTE1537 Download
File Size   29.26 Kbytes
Page   4 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit CMOS, Digital Frequency Indicator w/Clock LED Function

NTE1537 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1537 Datasheet PDF - NTE Electronics

Part # NTE1537
Download  NTE1537 Click to download

File Size   29.26 Kbytes
Page   4 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit CMOS, Digital Frequency Indicator w/Clock LED Function

NTE1537 Datasheet (HTML) - NTE Electronics


NTE1537 Product details

Applications:

Car Radio Applications: FM/AM Receiving Frequency Display and Clock Display Home Radio Applications: FM/AM Receiving Frequency Display and Clock Display Car Clock Applications: Hours–Minutes, Month–Date/Stopwatch Display



Functions:

FM Receiving Frequency Display (4 Digits)

AM Receiving Frequency Display (4 Digits)

Month–Date or Stopwatch Display (Either of these Selectable)



Features:

Single–Chip CMOS LSI for Static Display System

Capable of Direct Driving Green LED (Drive Capacity 15mA)

Capable of Selecting Frequency Display/Time Display

Use FM/AM Local Oscillation Signal of Varactor Diode, Variable Capacitor, or µ Tuning System to Digitally Display FM/AM Receiving Frequency

Covers 4 AM Intermediate Frequencies: +262.5, +452.5, +455, +470kHz

Covers 2 FM Intermediate Frequencies: +10.7, –10.7MHz

Capable of Fine–Adjusting AM/FM Display Frequency Error Independently

        • A variable Resistor can be used to Correct AM IF Error within ±2.8kHz

        • A variable Resistor can be used to Correct FM IF Error within ±140kHz

Two Selections of Display System (12–Hour System with PM Sign which is Displayed During Setting Only, 24–Hour System)

Programmed on Long Months (31 Days)/Short Months (30 Days). Date in February is Programmed to Count up to the 29th

Easy to Set Time by th Time Signal

Stopwatch Capable of Counting/Displaying 1 Second to 12 Hours, 59 Minutes, 59 Seconds

Inhibit Pin for Inhibiting Time Setting with Display Unlighted

4MHz Crystal for Reference Frequency




Similar Part No. - NTE1537

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE153 NTE-NTE153 Datasheet
21Kb / 2P
Silicon Complementary Transistors Audio Power Amplifier, Switch
NTE1530 NTE-NTE1530 Datasheet
83Kb / 3P
Integrated Circuit Audio Power Amp w/ALC, 450mW
NTE1531 NTE-NTE1531 Datasheet
29Kb / 3P
Integrated Circuit Voltage Regulator for Electronic Tuning System
NTE1533 NTE-NTE1533 Datasheet
81Kb / 4P
Integrated Circuit AM Tuner for Car Radio
NTE1534 NTE-NTE1534 Datasheet
20Kb / 2P
Integrated Circuit CMOS, Phase Lock Loop (PLL) Frequency Synthesizer for AM/FM Radio
More results


Similar Description - NTE1537

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1198 NTE-NTE1198 Datasheet
21Kb / 2P
Integrated Circuit CMOS Frequency Divider
NTE1199 NTE-NTE1199 Datasheet
24Kb / 2P
Integrated Circuit CMOS Frequency Divider
NTE2062 NTE-NTE2062 Datasheet
35Kb / 5P
Integrated Circuit PMOS Digital Alarm Clock
NTE7124 NTE-NTE7124 Datasheet
32Kb / 3P
Integrated Circuit Positive 5V Regulator w/Reset Function
logo
Toshiba Semiconductor
AC74HC40105AP TOSHIBA-AC74HC40105AP Datasheet
380Kb / 8P
CMOS DIGITAL INTEGRATED CIRCUIT
AC74HC697AP TOSHIBA-AC74HC697AP Datasheet
387Kb / 11P
CMOS DIGITAL INTEGRATED CIRCUIT
AC9272F TOSHIBA-AC9272F Datasheet
658Kb / 17P
CMOS DIGITAL INTEGRATED CIRCUIT
TC7WH74FU TOSHIBA-TC7WH74FU_01 Datasheet
246Kb / 7P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WH126FU TOSHIBA-TC7WH126FU_01 Datasheet
249Kb / 8P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com