Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE161 Datasheet (PDF) - NTE Electronics

NTE161 Datasheet PDF - NTE Electronics
Part # NTE161
Download  NTE161 Download
File Size   24.14 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor VHF-UHF Amplifier, Mixer/Osc

NTE161 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE161 Datasheet PDF - NTE Electronics

Part # NTE161
Download  NTE161 Click to download

File Size   24.14 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor VHF-UHF Amplifier, Mixer/Osc

NTE161 Datasheet (HTML) - NTE Electronics


NTE161 Product details

Features:

 High Current Gain–Bandwidth Product: fT = 600MHz (Min) @ f = 100MHz

 Low Output Capacitance: Cob = 1.7pF (Max) @ VCB = 10V



Absolute Maximum Ratings:

Collector–Emitter Voltage, VCES . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45V

Collector–Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45V

Emitter–Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3V

Continuous Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA

Total Device Dissipation (TA = +25°C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200mW

Derate Above 25°C  . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.14mW/°C

Total Device Dissipation (TC = +25°C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mW

Derate Above 25°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.71mW/°C

Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –65° to +200°C

Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –65° to +200°C




Similar Part No. - NTE161

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1610 NTE-NTE1610 Datasheet
19Kb / 2P
Integrated Circuit B/W TV Video Detector Amplifier, IF AGC Circuit
NTE1611 NTE-NTE1611 Datasheet
24Kb / 3P
Integrated Circuit Video and FM Sound Modulator/Carrier Oscillator for VCR
NTE1612 NTE-NTE1612 Datasheet
18Kb / 2P
Integrated Circuit AF PO, 0.7W for Battery Use
NTE1615 NTE-NTE1615 Datasheet
18Kb / 2P
Integrated Circuit B/W TV Tuner Bandswitch Circuit
NTE1616 NTE-NTE1616 Datasheet
20Kb / 2P
Integrated Circuit TV Sound IF Amp/Detector, Driver
More results


Similar Description - NTE161

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4568 NEC-2SC4568 Datasheet
51Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR UHF TV TUNER OSC/MIXER
2SC4569 NEC-2SC4569 Datasheet
51Kb / 8P
UHF TV TUNER OSC/MIXER NPN SILICON EPITAXIAL TRANSISTOR
logo
NTE Electronics
NTE15 NTE-NTE15 Datasheet
20Kb / 2P
Silicon NPN Transistor VHF Amp, Mixer, Oscillator, UHF OSC
NTE69 NTE-NTE69 Datasheet
20Kb / 2P
Silicon NPN Transistor UHF/VHF Amplifier
logo
Sanyo Semicon Device
2SC5375A SANYO-2SC5375A Datasheet
61Kb / 6P
NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications
2SC5374A SANYO-2SC5374A Datasheet
61Kb / 6P
NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications
2SC5538A SANYO-2SC5538A Datasheet
54Kb / 5P
NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications
logo
Pan Jit International I...
MMBT918W PANJIT-MMBT918W Datasheet
97Kb / 3P
VHF/UHF NPN SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2SC313 NJSEMI-2SC313 Datasheet
203Kb / 2P
Silicon NPN Transistor VHF-UHF Amplifier, Mixer/Osc
2SC313 NJSEMI-2SC313 Datasheet
203Kb / 2P
SILICON NPN TRANSISTOR VHF-UHF AMPLIFIER, MIXER/OSC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com