Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1615 Datasheet (PDF) - NTE Electronics

NTE1615 Datasheet PDF - NTE Electronics
Part # NTE1615
Download  NTE1615 Download
File Size   18.27 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit B/W TV Tuner Bandswitch Circuit

NTE1615 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1615 Datasheet PDF - NTE Electronics

Part # NTE1615
Download  NTE1615 Click to download

File Size   18.27 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit B/W TV Tuner Bandswitch Circuit

NTE1615 Datasheet (HTML) - NTE Electronics


NTE1615 Product details

Description:

The NTE1615 is an integrated circuit in a 9–Lead SIP type package designed for use as a B/W TV tuner bandswitch circuit.



Features:

Continuous VHF Band Tuning without High and Low Band Switching Operation

Low Drain Current from Tuning Reference Voltage Supply

High Breakdown Voltage Process



Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)

Supply Voltage, VCC . . . . . . . . . . . .  . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36V

Supply Current, I1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –10mA

Supply Current, I6 . . . . . . . . . . . .  . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –25mA

Supply Current, I8 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –10mA

Supply Current, I2 . . . . . . . . . . . . . . . . . . . . .  .  . . . . . . . . . . . . . . . . . . . +20mA

Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mW

Operating Ambient Temperature Range, Topr . . . . . . . . . . . . . . . . . . . –20° to +70°C

Storage Temperatuere Range, Tstg . . . . . . .  . . . . . . . . . . . . . . . . . –40° to +150°C




Similar Part No. - NTE1615

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE161 NTE-NTE161 Datasheet
24Kb / 2P
Silicon NPN Transistor VHF-UHF Amplifier, Mixer/Osc
NTE1610 NTE-NTE1610 Datasheet
19Kb / 2P
Integrated Circuit B/W TV Video Detector Amplifier, IF AGC Circuit
NTE1611 NTE-NTE1611 Datasheet
24Kb / 3P
Integrated Circuit Video and FM Sound Modulator/Carrier Oscillator for VCR
NTE1612 NTE-NTE1612 Datasheet
18Kb / 2P
Integrated Circuit AF PO, 0.7W for Battery Use
NTE1616 NTE-NTE1616 Datasheet
20Kb / 2P
Integrated Circuit TV Sound IF Amp/Detector, Driver
More results


Similar Description - NTE1615

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1575 NTE-NTE1575 Datasheet
18Kb / 2P
Integrated Circuit B/W TV Sound IF Amplifier
NTE1607 NTE-NTE1607 Datasheet
19Kb / 2P
Integrated Circuit B/W TV Video Detector Amplifier, IF AGC Circuit
NTE1610 NTE-NTE1610 Datasheet
19Kb / 2P
Integrated Circuit B/W TV Video Detector Amplifier, IF AGC Circuit
NTE1620 NTE-NTE1620 Datasheet
19Kb / 2P
Integrated Circuit B/W TV Video IF Amplifier, RF AGC Circuit
NTE1688 NTE-NTE1688 Datasheet
21Kb / 2P
Integrated Circuit TV Tuner Bandswitch
NTE1708 NTE-NTE1708 Datasheet
19Kb / 2P
Integrated Circuit TV Tuner Band Selector
NTE1837 NTE-NTE1837 Datasheet
24Kb / 3P
Integrated Circuit TV Tuner Controller
logo
Sanyo Semicon Device
LA7806 SANYO-LA7806 Datasheet
83Kb / 3P
B/W TV Synchronization, Deflection Circuit?
LA7535 SANYO-LA7535 Datasheet
166Kb / 4P
CIRCUIT FOR B/W TV APPLICATIONS
logo
Tiger Electronic Co.,Lt...
LA7806 TGS-LA7806 Datasheet
145Kb / 3P
B/W TV Synchronization, Deflection Circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com