Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33394 Datasheet (PDF) - Motorola, Inc

MC33394 Datasheet PDF - Motorola, Inc
Part # MC33394
Download  MC33394 Download
File Size   408.24 Kbytes
Page   44 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transceiver

MC33394 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33394 Datasheet PDF - Motorola, Inc

Part # MC33394
Download  MC33394 Click to download

File Size   408.24 Kbytes
Page   44 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transceiver

MC33394 Datasheet (HTML) - Motorola, Inc


MC33394 Product details

Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transceiver

The 33394 is a multi–output power supply integrated circuit with high speed CAN transceiver. The IC incorporates a switching pre–regulator operating over a wide input voltage range from +4.0V to +26.5V (with transients up to 45V).
Additional features include Active Reset circuitry watching VDDH, VDD3_3, VDDL and VKAM, user selectable Hardware Reset Timer (HRT), Power Sequencing circuitry guarantees the core supply voltages never exceed their limits or polarities during system power up and power down.
A high speed CAN transceiver physical layer interfaces between the microcontroller CMOS outputs and differential bus lines. The CAN driver is short circuit protected and tolerant of loss of battery or ground conditions.
33394 is designed specifically to meet the needs of modules, which use the MPC565 microcontroller, though it will also support others from the MPC5XX family of Motorola microcontrollers.

Features:
• Wide operating input voltage range: +4.0V to +26.5V (+45V transient).
• Provides all regulated voltages for MPC5XX MCUs and other ECU’s logic and analog functions.
• Accurate power up/down sequencing.
• Provides necessary MCU support monitoring and fail–safe support.
• Provides three 5.0 V buffer supplies for internal & external (short–circuit protected) sensors.
• Includes step–down/step–up switching regulator to provide supply voltages during different battery conditions.
• Interfaces Directly to Standard 5.0V I/O for CMOS Microprocessors by means of Serial Peripheral Interface.




Similar Part No. - MC33394

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33394 MOTOROLA-MC33394 Datasheet
408Kb / 44P
MULTI OUTPUT POWER SUPPLY
More results


Similar Description - MC33394

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33394 FREESCALE-33394 Datasheet
639Kb / 44P
Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transcelver
logo
NXP Semiconductors
TJA1042 NXP-TJA1042 Datasheet
122Kb / 20P
High-speed CAN transceiver with Standby mode
Rev. 02-8 July 2009
logo
Freescale Semiconductor...
33730 FREESCALE-33730_10 Datasheet
854Kb / 26P
Switch Mode Power Supply with Multiple Linear Regulators
33730 FREESCALE-33730_12 Datasheet
687Kb / 28P
Switch Mode Power Supply with Multiple Linear Regulators
MCZ33730EK FREESCALE-MCZ33730EK Datasheet
687Kb / 28P
Switch Mode Power Supply with Multiple Linear Regulators
logo
NXP Semiconductors
TJA1042T PHILIPS-TJA1042T Datasheet
149Kb / 22P
High-speed CAN transceiver with Standby mode
Rev. 7-8 May 2012
TJA1443 NXP-TJA1443 Datasheet
400Kb / 34P
High-speed CAN transceiver with Sleep mode
TJR1442 NXP-TJR1442 Datasheet
358Kb / 30P
High-speed CAN transceiver with Standby mode
TJA1442 NXP-TJA1442 Datasheet
356Kb / 30P
High-speed CAN transceiver with Standby mode
Rev. 1-12 August 2020
33394 NXP-33394 Datasheet
803Kb / 44P
Switch Mode Power Supply with Multiple Linear Regulators and High Speed CAN Transceiver
Rev. 2.5, 11/2002
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com