Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1786 Datasheet (PDF) - NTE Electronics

NTE1786 Datasheet PDF - NTE Electronics
Part # NTE1786
Download  NTE1786 Download
File Size   39.69 Kbytes
Page   5 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Frequency Lock Loop (FLL) Tuning & Control Circuit

NTE1786 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1786 Datasheet PDF - NTE Electronics

Part # NTE1786
Download  NTE1786 Click to download

File Size   39.69 Kbytes
Page   5 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Frequency Lock Loop (FLL) Tuning & Control Circuit

NTE1786 Datasheet (HTML) - NTE Electronics


NTE1786 Product details

Description:

The NTE1786 is an integrated circuit in a 24–Lead DIP type package that provides closed–loop digital tuning of TV receivers, with or without AFC, as required. This device also controls up to 4 analog functions, 4 general purpose I/O ports and 4 high–current outputs for tuner band selection.



Features:

• Combined Analog and Digital Circuitry Minimizes the Number of Additional Interfacing Components Required

• Frequency Measurement with Resolution of 50kHz

• Selectable Prescaler Divisor of 64 or 256

• 32V Tuning Voltage Amplifier

• 4 High–Current Outputs for Direct Band Selection

• 4 Static Digital–to–Analog Convertors (DACs) for Control of Analog Functions

• 4 General Purpose Input/Output (I/O) Ports

• Tuning with Control of Speed and Direction

• Tuning with or without AFC

• Single–Pin, 4MHz On–Chip Oscillator

• I2C Bus Slave Transceiver



Applications:

• TV Receivers

• Satellite Receivers

• CATV Converters



 




Similar Part No. - NTE1786

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1780 NTE-NTE1780 Datasheet
27Kb / 3P
Integrated Circuit 2 Channel Tone/DC Volume/Balance Control Circuit
NTE1781 NTE-NTE1781 Datasheet
21Kb / 2P
Integrated Circuit Electronic Switch for VCR
NTE1782 NTE-NTE1782 Datasheet
22Kb / 2P
Integrated Circuit TV Vertical Deflection Output Circuit
NTE1783 NTE-NTE1783 Datasheet
29Kb / 2P
Integrated Circuit TV Volume Control Circuit
NTE1784 NTE-NTE1784 Datasheet
35Kb / 4P
Integrated Circuit TV Horizontal Processor
More results


Similar Description - NTE1786

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1167 NTE-NTE1167 Datasheet
23Kb / 2P
Integrated Circuit Phase Lock Loop(PLL) Frequency Synthesizer
NTE1192 NTE-NTE1192 Datasheet
21Kb / 2P
Integrated Circuit VCO for Phase Lock Loop(PLL)
NTE1206 NTE-NTE1206 Datasheet
23Kb / 2P
Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
NTE1254 NTE-NTE1254 Datasheet
23Kb / 2P
Integrated Circuit Phase-Lock Loop (PLL) Frequency Synthesizer for CB
NTE1849 NTE-NTE1849 Datasheet
23Kb / 2P
Integrated Circuit Frequency Synthesizer for TV Tuning Systems
NTE7050 NTE-NTE7050 Datasheet
36Kb / 5P
Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
NTE743 NTE-NTE743 Datasheet
24Kb / 3P
Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
NTE989 NTE-NTE989 Datasheet
27Kb / 4P
Integrated Circuit General Purpose Phase Lock Loop (PLL)
logo
List of Unclassifed Man...
AN5033 ETC1-AN5033 Datasheet
170Kb / 3P
TV TUNING CONTROL CIRCUIT
logo
NTE Electronics
NTE1484 NTE-NTE1484 Datasheet
61Kb / 3P
Integrated Circuit Phase Lock Loop (PLL) Stereo Demod
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com