Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSMY98145DS Datasheet (PDF) - Vishay Siliconix

VSMY98145DS Datasheet PDF - Vishay Siliconix
Part # VSMY98145DS
Download  VSMY98145DS Download
File Size   201.24 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Power Infrared Emitting Diode, 810 nm, Surface Emitter Technology

VSMY98145DS Datasheet (PDF)

Go To PDF Page Download Datasheet
VSMY98145DS Datasheet PDF - Vishay Siliconix

Part # VSMY98145DS
Download  VSMY98145DS Click to download

File Size   201.24 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Power Infrared Emitting Diode, 810 nm, Surface Emitter Technology

VSMY98145DS Datasheet (HTML) - Vishay Siliconix


VSMY98145DS Product details

• Package type: surface mount
• Double stack technology
• Package form: high power QFN with lens
• Dimensions (L x W x H in mm): 3.85 x 3.85 x 2.24
• Peak wavelength: λp = 810 nm
• Zener diode for ESD protection up to 2 kV
• High radiant power
• High radiant intensity
• Angle of half intensity: ϕ = ± 45°
• Designed for high drive currents: up to 1 A (DC) and up to
5 A pulses
• Low thermal resistance: RthJA = 10 K/W
• Floor life: 168 h, MSL 3, according to J-STD-020
• Lead (Pb)-free reflow soldering




Similar Part No. - VSMY98145DS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMY98145DS VISHAY-VSMY98145DS Datasheet
205Kb / 6P
High Power Infrared Emitting Diode, 810 nm, Surface Emitter Technology
27-Jan-2022
VSMY98145DS VISHAY-VSMY98145DS Datasheet
204Kb / 6P
High Power Infrared Emitting Diode, 810 nm, Surface Emitter Technology
27-Jan-2022
VSMY98145DS VISHAY-VSMY98145DS_V01 Datasheet
205Kb / 6P
High Power Infrared Emitting Diode, 810 nm, Surface Emitter Technology
27-Jan-2022
VSMY98145DS VISHAY-VSMY98145DS_V02 Datasheet
204Kb / 6P
High Power Infrared Emitting Diode, 810 nm, Surface Emitter Technology
27-Jan-2022
More results


Similar Description - VSMY98145DS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMY7850X01 VISHAY-VSMY7850X01 Datasheet
128Kb / 6P
High Power Infrared Emitting Diode, 850 nm, Surface Emitter Technology
31-Mar-11
VSMY98545DS VISHAY-VSMY98545DS Datasheet
253Kb / 7P
High Power Infrared Emitting Diode, 850 nm,Surface Emitter Technology
08-May-15
VSMY7852X01 VISHAY-VSMY7852X01_17 Datasheet
150Kb / 7P
High Power Infrared Emitting Diode, 850 nm, Surface Emitter Technology
06-Apr-17
VSMY98545ADS VISHAY-VSMY98545ADS Datasheet
202Kb / 6P
High Power Infrared Emitting Diode, 850 nm, Surface Emitter Technology
29-Nov-16
VSMY98545 VISHAY-VSMY98545_V01 Datasheet
221Kb / 7P
High Power Infrared Emitting Diode, 850 nm, Surface Emitter Technology
27-Jan-2022
VSMA1094250 VISHAY-VSMA1094250 Datasheet
199Kb / 8P
High Power Infrared Emitting Diode, 940 nm, Surface Emitter Technology
17-Nov-2021
VSMA1094600 VISHAY-VSMA1094600 Datasheet
192Kb / 8P
High Power Infrared Emitting Diode, 940 nm, Surface Emitter Technology
17-Nov-2021
VSMY98145DS VISHAY-VSMY98145DS_V01 Datasheet
205Kb / 6P
High Power Infrared Emitting Diode, 810 nm, Surface Emitter Technology
27-Jan-2022
VSMY98145DS VISHAY-VSMY98145DS_V02 Datasheet
204Kb / 6P
High Power Infrared Emitting Diode, 810 nm, Surface Emitter Technology
27-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com