Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSMY98545ADS Datasheet (PDF) - Vishay Siliconix

VSMY98545ADS Datasheet PDF - Vishay Siliconix
Part # VSMY98545ADS
Download  VSMY98545ADS Download
File Size   202.73 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Power Infrared Emitting Diode, 850 nm, Surface Emitter Technology

VSMY98545ADS Datasheet (PDF)

Go To PDF Page Download Datasheet
VSMY98545ADS Datasheet PDF - Vishay Siliconix

Part # VSMY98545ADS
Download  VSMY98545ADS Click to download

File Size   202.73 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Power Infrared Emitting Diode, 850 nm, Surface Emitter Technology

VSMY98545ADS Datasheet (HTML) - Vishay Siliconix


VSMY98545ADS Product details

• Package type: surface mount
• Double stack technology
• Package form: power QFN
• Dimensions (L x W x H in mm): 3.85 x 3.85 x 2.24
• Peak wavelength: λp = 850 nm
• Zener diode for ESD protection up to 2 kV
• High radiant power
• High radiant intensity
• Angle of half intensity: ϕ = ± 45°
• Designed for high drive currents: up to 1 A (DC) and up
to 5 A pulses
• Low thermal resistance: RthJP = 9 K/W
• Floor life: 168 h, MSL 3, according to J-STD-020
• Lead (Pb)-free reflow soldering




Similar Part No. - VSMY98545ADS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMY98545ADS VISHAY-VSMY98545ADS Datasheet
206Kb / 6P
High Power Infrared Emitting Diode, 850 nm, Surface Emitter Technology
27-Jan-2022
VSMY98545ADS VISHAY-VSMY98545ADS Datasheet
206Kb / 6P
High Power Infrared Emitting Diode, 850 nm, Surface Emitter Technology
27-Jan-2022
VSMY98545ADS VISHAY-VSMY98545ADS_V01 Datasheet
206Kb / 6P
High Power Infrared Emitting Diode, 850 nm, Surface Emitter Technology
27-Jan-2022
VSMY98545ADS VISHAY-VSMY98545ADS_V02 Datasheet
206Kb / 6P
High Power Infrared Emitting Diode, 850 nm, Surface Emitter Technology
27-Jan-2022
More results


Similar Description - VSMY98545ADS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMY7850X01_1106 VISHAY-VSMY7850X01_1106 Datasheet
144Kb / 7P
High Power Infrared Emitting Diode, 850 nm, Surface Emitter Technology
27-Jun-11
VSMY98545DS VISHAY-VSMY98545DS Datasheet
253Kb / 7P
High Power Infrared Emitting Diode, 850 nm,Surface Emitter Technology
08-May-15
VSMY9854535 VISHAY-VSMY9854535 Datasheet
257Kb / 7P
High Power Infrared Emitting Diode, 850 nm, Surface Emitter Technology
01-Jul-16
VSMY9857535 VISHAY-VSMY9857535 Datasheet
1,017Kb / 7P
High Power Infrared Emitting Diode, 850 nm, Surface Emitter Technology
05-Jul-16
VSMY98575ADS VISHAY-VSMY98575ADS_V01 Datasheet
538Kb / 6P
High Power Infrared Emitting Diode, 850 nm, Surface Emitter Technology
18-Apr-18
VSMY98525DS VISHAY-VSMY98525DS_V02 Datasheet
217Kb / 6P
High Power Infrared Emitting Diode, 850 nm, Surface Emitter Technology
27-Jan-2022
VSMY9854535 VISHAY-VSMY9854535_V02 Datasheet
254Kb / 7P
High Power Infrared Emitting Diode, 850 nm, Surface Emitter Technology
01-Jul-16
VSMY98545 VISHAY-VSMY98545_V02 Datasheet
220Kb / 7P
High Power Infrared Emitting Diode, 850 nm, Surface Emitter Technology
27-Jan-2022
VSMY98575ADS VISHAY-VSMY98575ADS_V02 Datasheet
538Kb / 6P
High Power Infrared Emitting Diode, 850 nm, Surface Emitter Technology
18-Apr-18
VSMA1085250 VISHAY-VSMA1085250_V01 Datasheet
199Kb / 8P
High Power Infrared Emitting Diode, 850 nm, Surface Emitter Technology
08-Jul-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com