| Manufacturer | Part # | Datasheet | Description |
 List of Unclassifed Man... |
79696030
|
260Kb / 4P |
Thermocouple probe J with nickel-plated brass eyelet - 횠 6.5 mm, connection sleeve - 횠 5 x 30 mm in stainless steel 316 L
|
|
79696033
|
260Kb / 4P |
Thermocouple probe J with sheath - ST steel 316 L 횠 5 mm : 30 mm long Glass filament cable with stainless steel braid : 2
|
|
79696034
|
260Kb / 4P |
Thermocouple probe K with casing - St. steel 304 L 횠 3 mm : 500 mm longPVC cable : 2 m long - Junction isolated from
|
|
79696035
|
260Kb / 4P |
Thermocouple / Pt100 Pt100 probe Class B max : 200 째C Pt100 probe Class B with sheath - St. steel 316 L 횠 6 mm : 200 mm longSilicon teflon cable : 2 m long - 3-wire assembly
|
|
79696036
|
260Kb / 4P |
Pt100 probe Class B with sheath - St. steel 316 L 횠 6 mm : 30 mm longGlass filament cable with stainless steel braid : 2 m
|
|
79696037
|
260Kb / 4P |
Pt100 probe Class B - Aluminium vee : 50 mm long - Silicom teflon cable : 2 m long - 3-wire assembly - Supplied with fixing
|
 PHOENIX CONTACT |
2700154
|
47Kb / 2P |
Tube, 1000 mm long, 횠 25 mm
|
|
2700157
|
47Kb / 2P |
Tube, 250 mm long, 횠 25 mm
|
 Schneider Electric |
APE1C2250
|
90Kb / 2P |
cable with 2 connectors - 2 pins - L = 500 mm
Nov 24, 2021 |
|
KAXZ1C12
|
116Kb / 2P |
operating head with bezel 횠 28.5 mm, metal - black long handle
Feb 10, 2022 |