| Manufacturer | Part # | Datasheet | Description |
 Pomona Electronics |
6479
|
202Kb / 2P |
Stainless Steel Sharp Tip Probe Set
|
 Axiomtek Co., Ltd. |
GOT817-834
|
616Kb / 2P |
Full stainless steel enclosure with type 316
|
 List of Unclassifed Man... |
79696030
|
260Kb / 4P |
Thermocouple probe J with nickel-plated brass eyelet - 횠 6.5 mm, connection sleeve - 횠 5 x 30 mm in stainless steel 316 L
|
|
79696031
|
260Kb / 4P |
Thermocouple probe J with casing - St. steel 304 L 횠 3 mm : 500 mm long PVC cable : 2 m long - Junction cannot be
|
|
79696033
|
260Kb / 4P |
Thermocouple probe J with sheath - ST steel 316 L 횠 5 mm : 30 mm long Glass filament cable with stainless steel braid : 2
|
|
79696034
|
260Kb / 4P |
Thermocouple probe K with casing - St. steel 304 L 횠 3 mm : 500 mm longPVC cable : 2 m long - Junction isolated from
|
|
79696035
|
260Kb / 4P |
Thermocouple / Pt100 Pt100 probe Class B max : 200 째C Pt100 probe Class B with sheath - St. steel 316 L 횠 6 mm : 200 mm longSilicon teflon cable : 2 m long - 3-wire assembly
|
|
79696037
|
260Kb / 4P |
Pt100 probe Class B - Aluminium vee : 50 mm long - Silicom teflon cable : 2 m long - 3-wire assembly - Supplied with fixing
|
 Schneider Electric |
9001KYSS2
|
147Kb / 3P |
empty control station - 9001K - stainless steel - 2 cut-outs 횠 30
Jan 20, 2022 |
 EAO AG. |
82-6151.0124
|
463Kb / 2P |
Indicator 22 mm stainless-steel
05.09.2022 |