Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE22 Datasheet (PDF) - NTE Electronics

NTE22 Datasheet PDF - NTE Electronics
Part # NTE22
Download  NTE22 Download
File Size   19.94 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor AF PO, General Purpose Amp, Driver

NTE22 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE22 Datasheet PDF - NTE Electronics

Part # NTE22
Download  NTE22 Click to download

File Size   19.94 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor AF PO, General Purpose Amp, Driver

NTE22 Datasheet (HTML) - NTE Electronics


NTE22 Product details

Features:

• High Breakdown Voltage: VCEO = 80V

• Large IC Capacity: IC = 1A DC

• Good hFE Linearity

• Low Collector Saturation Voltage



Applications:

• Medium Power Output Stages

• High–Voltage Drivers



 




Similar Part No. - NTE22

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE221 NTE-NTE221 Datasheet
24Kb / 2P
MOSFET Dual Gate, N-Channel for VHF TV Receivers Applications
NTE222 NTE-NTE222 Datasheet
24Kb / 2P
Field Effect Transistor Dual Gate N-Channel MOSFET
NTE224 NTE-NTE224 Datasheet
55Kb / 2P
Silicon NPN Transistor Final RF Power Output for CB PO = 4W, 50MHz
NTE225 NTE-NTE225 Datasheet
60Kb / 2P
Silicon NPN Transistor Linear Amplifier and High Speed Switch
NTE226 NTE-NTE226 Datasheet
17Kb / 2P
Germanium PNP Transistor Audio Power Amp
More results


Similar Description - NTE22

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2505 NTE-NTE2505 Datasheet
22Kb / 2P
Silicon NPN Transistor Low Frequency, General Purpose Amp
NTE363 NTE-NTE363 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Amp, PO = 4W
logo
Siemens Semiconductor G...
SMBTA20 SIEMENS-SMBTA20 Datasheet
146Kb / 4P
NPN Silicon AF Transistor
logo
Micro Electronics
2N3702 MICRO-ELECTRONICS-2N3702 Datasheet
299Kb / 4P
PNP/NPN SILICON GENERAL PURPOSE AF TRANSISTORS
logo
Infineon Technologies A...
BCP68 INFINEON-BCP68 Datasheet
43Kb / 4P
NPN Silicon AF Transistor
Nov-29-2001
SMBTA06 INFINEON-SMBTA06 Datasheet
125Kb / 4P
NPN Silicon AF Transistor
Feb-20-2002
logo
Micro Electronics
2N3705 MICRO-ELECTRONICS-2N3705 Datasheet
311Kb / 4P
PNP NPN SILICON GENERAL PURPOSE AF TRANSISTORS
logo
Infineon Technologies A...
BCP68-25 INFINEON-BCP68-25 Datasheet
518Kb / 6P
NPN Silicon AF Transistor
2008-10-10
BC817-25WE6327 INFINEON-BC817-25WE6327 Datasheet
858Kb / 11P
NPN Silicon AF Transistor
2011-09-19
BC817K-40E6327 INFINEON-BC817K-40E6327 Datasheet
863Kb / 11P
NPN Silicon AF Transistor
2011-09-19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com