Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP3682 Datasheet (PDF) - Tripath Technology Inc.

FDP3682 Datasheet PDF - Tripath Technology Inc.
Part # FDP3682
Download  FDP3682 Download
File Size   666.21 Kbytes
Page   34 Pages
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.
Description STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY

FDP3682 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDP3682 Datasheet PDF - Tripath Technology Inc.

Part # FDP3682
Download  FDP3682 Click to download

File Size   666.21 Kbytes
Page   34 Pages
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.
Description STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY

FDP3682 Datasheet (HTML) - Tripath Technology Inc.


FDP3682 Product details

GENERALDESCRIPTION
The TK2150 (TC2001/TP2150 chipset) is a two-channel, 200W(6Ω) per channel Amplifier Driver that uses Tripath’s proprietary Digital Power Processing (DPP™ )technology. Class-T amplifiers offer both the audio fidelity of Class-AB and the power efficiency of Class-D amplifiers.

Features
➤ Class-T architecture
➤ Pin compatible with Tripath TK2350 Chipset
➤ Proprietary Digital Power Processing technology
➤ “Audiophile” Sound Quality
    ➤ 0.012% THD+N @ 60W, 8Ω
    ➤ 0.02% IHF-IM @ 30W, 8Ω
➤ High Efficiency
    ➤ 93% @ 120W @ 8Ω
    ➤ 91% @ 150W @ 6Ω
➤ Supports wide range of output power levels
    ➤ Up to 200W/channel (6Ω), single-ended outputs, @+/- 45V
    ➤ Up to 400W (8Ω), bridged outputs, @+/- 30V
➤ Output over-current protection
➤ Over- and under-voltage protection
➤ Over-temperature protection

Benefits
➤ Reduced system cost with smaller/less expensive power supply and heat sink
➤ Signal fidelity equal to high quality Class-AB amplifiers
➤ High dynamic range compatible with digital media such as CD and DVD

Applications
➤ Powered DVD Players
➤ Audio/Video Amplifiers & Receivers
➤ Automobile Power Amplifiers
➤ Subwoofer Amplifiers
➤ Pro-audio Amplifiers




Similar Part No. - FDP3682

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP3682 FAIRCHILD-FDP3682 Datasheet
278Kb / 11P
N-Channel PowerTrench MOSFET 100V, 32A, 36m?
logo
Inchange Semiconductor ...
FDP3682 ISC-FDP3682 Datasheet
328Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - FDP3682

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA1101B TRIPATH-TA1101B Datasheet
202Kb / 13P
Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TK2070 TRIPATH-TK2070 Datasheet
422Kb / 21P
STEREO 70W (4Ohm) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA2022 TRIPATH-TA2022 Datasheet
420Kb / 31P
STEREO 90W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TA2024B TRIPATH-TA2024B Datasheet
538Kb / 14P
STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2024C TRIPATH-TA2024C Datasheet
395Kb / 18P
STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TAA2008 TRIPATH-TAA2008 Datasheet
354Kb / 18P
STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com