Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP3682 Datasheet(PDF) 8 Page - Tripath Technology Inc.

Part # FDP3682
Description  STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

FDP3682 Datasheet(HTML) 8 Page - Tripath Technology Inc.

Back Button FDP3682 Datasheet HTML 4Page - Tripath Technology Inc. FDP3682 Datasheet HTML 5Page - Tripath Technology Inc. FDP3682 Datasheet HTML 6Page - Tripath Technology Inc. FDP3682 Datasheet HTML 7Page - Tripath Technology Inc. FDP3682 Datasheet HTML 8Page - Tripath Technology Inc. FDP3682 Datasheet HTML 9Page - Tripath Technology Inc. FDP3682 Datasheet HTML 10Page - Tripath Technology Inc. FDP3682 Datasheet HTML 11Page - Tripath Technology Inc. FDP3682 Datasheet HTML 12Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
8
TK2150 – Rev. 1.0/12.02
TP2150 Pin Description
Pin
Function
Description
2,5
AGND
Analog ground.
6
V5
5V power supply input.
7
OCD1
Over-current threshold output (Channel 1)
9
CSS
Soft startup for VN10 controller, this pin should be tied to V5
10
OCD2
Over-current threshold output (Channel 2)
13,17
Y2, Y1
Non-inverted switching modulator inputs
14,16
Y2B, Y1B
Inverted switching modulator inputs
27,57
VBOOT2, VBOOT1
Bootstrapped voltage to supply drive to gate of high-side FET
(Channel 2 & 1)
30,31
OCS2LP, OCS2LN
Over Current Sense inputs, Channel 2 low-side
33,34
OCS2HP, OCS2HN
Over Current Sense inputs, Channel 2 high-side
36,48
HO2, HO1
High side gate drive output (Channel 2 & 1)
37,47
HO2COM, HO1COM
Kelvin connection to source of high-side transistor (Channel 2 & 1)
39,45
LO2COM, LO1COM
Kelvin connection to source of low-side transistor (Channel 2 & 1)
40,44
LO2, LO1
Low side gate drive output (Channel 2 & 1)
41,43
VN10
“Floating” supply input for the FET drive circuitry. This voltage must be stable
and referenced to VNN.
42
VNN
Negative supply voltage.
50,51
OCS1HN, OCS1HP
Over Current Sense inputs, Channel 1 high-side
53,54
OCS1LN , OCS1LP
Over Current Sense inputs, Channel 1 low-side
59
SW-FB
Feedback for regulating switching power supply output for VN10
60
SMPSO
Switching power supply output for VN10
62
SLEEP
This pin is active high. Tie this pin to GND for normal operation. Tie this pin to
+5V to place the part in sleep mode.
1,3,4,8,
11,12,15,
18,19,20,
21,22,23,
24,25,26,
28,31,32,
35,38,46,
49,52,53,
56,58,61,
63,64
NC
Not connected (bonded) internally. Please refer to the Application/Test circuit
for details on the how to connect these pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com