Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP3682 Datasheet(PDF) 18 Page - Tripath Technology Inc.

Part # FDP3682
Description  STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

FDP3682 Datasheet(HTML) 18 Page - Tripath Technology Inc.

Back Button FDP3682 Datasheet HTML 14Page - Tripath Technology Inc. FDP3682 Datasheet HTML 15Page - Tripath Technology Inc. FDP3682 Datasheet HTML 16Page - Tripath Technology Inc. FDP3682 Datasheet HTML 17Page - Tripath Technology Inc. FDP3682 Datasheet HTML 18Page - Tripath Technology Inc. FDP3682 Datasheet HTML 19Page - Tripath Technology Inc. FDP3682 Datasheet HTML 20Page - Tripath Technology Inc. FDP3682 Datasheet HTML 21Page - Tripath Technology Inc. FDP3682 Datasheet HTML 22Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal In fo rma t io n
18
TK2150 – Rev. 1.0/12.02
The TC2001 incorporates a differential feedback system to minimize the effects of ground bounce
and cancel out common mode ground noise. As such, the feedback from the output ground for
each channel needs to be properly sensed. This can be accomplished by connecting the output
ground “sensing” trace directly to the star formed by the output ground return, output capacitor,
CO, and the zobel capacitor, CZ. Refer to the Application / Test Circuit for a schematic
description.
TK2150 Amplifier Gain
The gain of the TK2150 is the product of the input stage gain and the modulator gain for the
TC2001. Please refer to the sections, Input Stage Design, and Modulator Feedback Design, for a
complete explanation of how to determine the external component values.
MODULATOR
V
E
VINPUTSTAG
VTK2150
A
*
A
A
=
+
+
−
≈
1
R
*
R
)
R
(R
*
R
R
R
A
FBB
FBA
FBB
FBA
FBC
I
F
VTK2150
For example, using a TC2001 with the following external components,
RI = 20kΩ
RF = 30.1kΩ
RFBA = 1kΩ
RFBB = 1.1kΩ
RFBC = 10.0kΩ
V
V
13.35
-
1
1.1k Ω
*
1.0k Ω
)
1.1k
(1.0k Ω
*
10.0k Ω
30.1k Ω
20k Ω
AVTK2150
=
+
Ω
+
−
≈
Input Stage Design
The TC2001 input stage is configured as an inverting amplifier, allowing the system designer
flexibility in setting the input stage gain and frequency response. Figure 2 shows a typical
application where the input stage is a constant gain inverting amplifier. The input stage gain
should be set so that the maximum input signal level will drive the input stage output to 4Vpp.
The gain of the input stage, above the low frequency high pass filter point, is that of a simple
inverting amplifier:
I
F
E
VINPUTSTAG
R
R
A
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com