Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR38265 Datasheet (PDF) - Infineon Technologies AG

Part # IR38265
Description  Single-input Voltage, 30A Buck Regulators with PVID
File Size   2587.35 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IR38265 Datasheet (PDF) - Infineon Technologies AG



Similar Part No. - IR38265

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR3826 INFINEON-IR3826 Datasheet
2Mb / 53P
OptiMOS??IPOL 23 A single-voltage synchronous Buck regulator
V2.4 June 28 2019
IR38263 INFINEON-IR38263 Datasheet
2Mb / 59P
Single-input Voltage, 30A Buck Regulators with PVID
Rev 3.3 December 14, 2017
IR38263MTRPbF INFINEON-IR38263MTRPbF Datasheet
2Mb / 59P
Single-input Voltage, 30A Buck Regulators with PVID
Rev 3.3 December 14, 2017
More results


Similar Description - IR38265

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6410 INTERSIL-ISL6410 Datasheet
393Kb / 13P
Single Synchronous Buck Regulators with Integrated FET
September 17, 2004
logo
International Rectifier
IR3846 IRF-IR3846 Datasheet
3Mb / 53P
Single-Input Voltage, Synchronous Buck Regulator
IR3891M IRF-IR3891M_15 Datasheet
1Mb / 51P
Single-Input Voltage, Synchronous Buck Regulator
IR3892M IRF-IR3892M_15 Datasheet
3Mb / 52P
Single-Input Voltage, Synchronous Buck Regulator
IR3898M IRF-IR3898M_15 Datasheet
3Mb / 46P
Single-Input Voltage, Synchronous Buck Regulator
logo
ON Semiconductor
CS51411 ONSEMI-CS51411_13 Datasheet
283Kb / 20P
Low Voltage Buck Regulators
May, 2013 ??Rev. 21
logo
Infineon Technologies A...
IR38163 INFINEON-IR38163 Datasheet
2Mb / 62P
Single-input Voltage, 15A & 30A Buck Regulators with SVID
Rev 3.3 Dec 15, 2017
IR38263 INFINEON-IR38263 Datasheet
2Mb / 59P
Single-input Voltage, 30A Buck Regulators with PVID
Rev 3.3 December 14, 2017
logo
Renesas Technology Corp
ISL6410 RENESAS-ISL6410 Datasheet
1Mb / 26P
Single Synchronous Buck Regulators with Integrated FET
logo
Infineon Technologies A...
IR38164 INFINEON-IR38164 Datasheet
1Mb / 64P
30A Single-voltage Synchronous Buck Regulator with SVID
Feb 6 2019
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com