Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1404302 Datasheet (PDF) - PHOENIX CONTACT

Part # 1404302
Description  Assembled Ethernet cable, CAT5e, shielded, 2-pair, 26 AWG stranded (7-wire), RAL 5021 (water blue), M12 plug to M12 plug, line, length 3 m
File Size   111.01 Kbytes
Html View  1   2   3   4 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1404302 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 1404302

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404304 PHOENIX-1404304 Datasheet
188Kb / 4P
VS-TO-RO-MCBK-F1422/1422 - Terminal outlet
More results


Similar Description - 1404302

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
324177 ERNI-324177 Datasheet
96Kb / 1P
M12-M12 CAT5e Assembly
logo
PHOENIX CONTACT
1401031 PHOENIX-1401031 Datasheet
96Kb / 5P
Sensor/Actuator cable, 5-position, PUR halogen-free, black-gray RAL 7021, shielded, Plug straight M12, Acoded, on Socket angled M12, A-coded, Cable length: 1 m
1425246 PHOENIX-1425246 Datasheet
118Kb / 6P
Network cable, Ethernet CAT5 (100 Mbps), 4-position, PUR, water blue RAL 5021, shielded, Plug straight M12 SPEEDCON / IP67, coding: D, on Plug straight M12 SPEEDCON / IP67, coding: D, cable length: 3 m
1513619 PHOENIX-1513619 Datasheet
106Kb / 4P
Bus system cable, CANopen짰, DeviceNet?? 5-position, PUR halogen-free, violet RAL 4001, shielded, Plug straight M12, A-coded, on free cable end, cable length: 3 m
1546657 PHOENIX-1546657 Datasheet
107Kb / 4P
Sensor/actuator cable, 4-position, PUR, orange RAL 2003, Plug straight M12, A-coded, on Socket straight M12, A-coded, cable length: 3 m
logo
Schneider Electric
TCSMCN1M1F2 SCHNEIDER-TCSMCN1M1F2 Datasheet
78Kb / 1P
Modbus shielded cable - M12 male connector - M12 female connector - IP67 - 2 m
Jan 7, 2021
logo
Tripp Lite. All Rights ...
NM12-6A2-02M-BL TRIPPLITE-NM12-6A2-02M-BL Datasheet
177Kb / 3P
M12 X-Code Cat6a 10G F/UTP CMR-LP Shielded Ethernet Cable (M12 M/RJ45 M), IP68, PoE, Blue, 2 m (6.6 ft.)
NM12-6A2-03M-BL TRIPPLITE-NM12-6A2-03M-BL Datasheet
178Kb / 3P
M12 X-Code Cat6a 10G F/UTP CMR-LP Shielded Ethernet Cable (M12 M/RJ45 M), IP68, PoE, Blue, 3 m (9.8 ft.)
logo
WAGO Kontakttechnik Gmb...
756-1201-060-020 WAGO-756-1201-060-020 Datasheet
241Kb / 4P
ETHERNET cable; M12D plug; straight; 4-pole; Length: 2 m
22.11.2021
756-1202-060-020 WAGO-756-1202-060-020 Datasheet
212Kb / 4P
ETHERNET cable; M12D plug; angled; 4-pole; Length: 2 m
22.11.2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com