Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2701161 Datasheet (PDF) - PHOENIX CONTACT

Part # 2701161
Description  Inline power terminal, version for extreme conditions, complete with accessories (connector plug and labeling field), 24 V DC, without fuse
File Size   75.7 Kbytes
Html View  1   2   3   4 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2701161 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 2701161

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701162 PHOENIX-2701162 Datasheet
85Kb / 4P
The terminal is designed for use within an Inline station.
2701163 PHOENIX-2701163 Datasheet
453Kb / 12P
Segmentation module - IB IL 24 SEG/F-XC-PAC
2701165 PHOENIX-2701165 Datasheet
62Kb / 4P
Inline terminal - IB IL AI/TEMP 4 RTD-XC-PAC
09/12/2020
2701166 PHOENIX-2701166 Datasheet
51Kb / 2P
Memory modul - NLC-MOD-MEM 032K
11/05/2018
More results


Similar Description - 2701161

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2692306 PHOENIX-2692306 Datasheet
135Kb / 5P
Inline digital input terminal block, complete with accessories (connector and labeling field), 4 inputs, 24 V DC, 3-wire connection method
2701151 PHOENIX-2701151 Datasheet
72Kb / 4P
INTERBUS branch terminal, version for extreme conditions, complete with accessories (connector plug and labeling field), with remote bus branch, 24 V DC
2701152 PHOENIX-2701152 Datasheet
85Kb / 5P
Inline digital input terminal, version for extreme conditions, complete with accessories (connector plug and labeling field), 4 inputs, 24 V DC, 3-conductor connection technology
2701155 PHOENIX-2701155 Datasheet
87Kb / 5P
Inline digital output terminal, version for extreme conditions, complete with accessories (connector plug and labeling field), 4 outputs, 24 V DC, 500 mA, 3-conductor connection technology
2701217 PHOENIX-2701217 Datasheet
57Kb / 4P
Inline analog input terminal, extreme conditions version, complete with accessories (connector plug and labeling field), 2 inputs, RTD (resistance temperature detector), 2, 3, 4-conductor connection technology
2701219 PHOENIX-2701219 Datasheet
84Kb / 5P
Inline analog output terminal, version for extreme conditions, complete with accessories (connector plug and labeling field), 1 output, 0 - 20 mA, 4 - 20 mA, 0 - 10 V, 2-conductor connection technology
2726311 PHOENIX-2726311 Datasheet
161Kb / 5P
Inline power terminal block, without accessories, 24 V DC
2726324 PHOENIX-2726324 Datasheet
149Kb / 5P
Inline segment terminal, without accessories, 24 V DC, without fuse
2819820 PHOENIX-2819820 Datasheet
93Kb / 4P
Inline temperature controller, complete with accessories (connection plug and labeling field)
2863119 PHOENIX-2863119 Datasheet
126Kb / 5P
Inline digital output terminal block, complete with accessories (connector and labeling field)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com