Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA2438B Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA2438B
Description  SAW Filter 707.5 MHz
File Size   489.79 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA2438B Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TA2438B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA2438A TAI-SAW-TA2438A Datasheet
803Kb / 8P
SAW Tx Filter 707.5 MHz LTE Band 12 SMD1.1X0.9mm (BW=17 MHz)
More results


Similar Description - TA2438B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TF0133A TAI-SAW-TF0133A Datasheet
491Kb / 13P
SAW DPX 707.5/737.5 MHz LTE Band 12 SMD 1814 (17 MHz BW)
TF0133AN TAI-SAW-TF0133AN Datasheet
348Kb / 13P
SAW DPX 707.5/737.5 MHz LTE Band 12 SMD 1814 (17 MHz BW)
TA2438A TAI-SAW-TA2438A Datasheet
803Kb / 8P
SAW Tx Filter 707.5 MHz LTE Band 12 SMD1.1X0.9mm (BW=17 MHz)
TF0133B TAI-SAW-TF0133B Datasheet
480Kb / 13P
SAW DPX 707.5/ 737.5 MHz LTE Band 12 SMD 1814
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com