Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1PGSMA4740 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

Part # 1PGSMA4740
Description  1W, 10V - 200V Surface Mount Silicon Zener Diode
File Size   350.95 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1PGSMA4740 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd



Similar Part No. - 1PGSMA4740

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1PGSMB5926 TSC-1PGSMB5926 Datasheet
300Kb / 6P
3W, 11V - 200V Surface Mount Silicon Zener Diode
1PGSMB5927 TSC-1PGSMB5927 Datasheet
300Kb / 6P
3W, 11V - 200V Surface Mount Silicon Zener Diode
1PGSMB5928 TSC-1PGSMB5928 Datasheet
300Kb / 6P
3W, 11V - 200V Surface Mount Silicon Zener Diode
1PGSMB5929 TSC-1PGSMB5929 Datasheet
300Kb / 6P
3W, 11V - 200V Surface Mount Silicon Zener Diode
1PGSMB5930 TSC-1PGSMB5930 Datasheet
300Kb / 6P
3W, 11V - 200V Surface Mount Silicon Zener Diode
More results


Similar Description - 1PGSMA4740

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
DL4728A DAESAN-DL4728A Datasheet
367Kb / 3P
1W SURFACE MOUNT ZENER DIODES
logo
TAITRON Components Inco...
ZM4728A TAITRON-ZM4728A Datasheet
201Kb / 4P
Surface Mount 1W Zener Diodes
logo
Formosa MS
SMA4728A FORMOSA-SMA4728A Datasheet
151Kb / 4P
Surface Mount Zener Diodes 1W
logo
Unisonic Technologies
SMA5V UTC-SMA5V Datasheet
125Kb / 3P
SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A_15 Datasheet
217Kb / 7P
1W, 10V - 200V Glass Passivated Junction Silicon Zener Diodes
1SMA4737 TSC-1SMA4737_15 Datasheet
226Kb / 6P
1W, 7.5V - 200V Surface Mount Silicon Zener Diodes
1SMB5926 TSC-1SMB5926_15 Datasheet
218Kb / 6P
3W, 11V - 200V Surface Mount Silicon Zener Diodes
logo
Diotech Company.
SMA4728A DIOTECH-SMA4728A Datasheet
657Kb / 2P
1W SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1PGSMB5926 TSC-1PGSMB5926 Datasheet
300Kb / 6P
3W, 11V - 200V Surface Mount Silicon Zener Diode
logo
Zibo Seno Electronic En...
ZM4728 ZSELEC-ZM4728 Datasheet
194Kb / 3P
1W SURFACE MOUNT ZENER DIODE
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com