Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WNMD2185 Datasheet (PDF) - Will Semiconductor Ltd.

Part # WNMD2185
Description  Dual N-Channel, 12V, 27A Power MOSFET
File Size   983.56 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WNMD2185 Datasheet (PDF) - Will Semiconductor Ltd.



Similar Part No. - WNMD2185

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WNMD2180 WILLSEMI-WNMD2180 Datasheet
2Mb / 8P
Dual N-Channel, 20V, 11A, Power MOSFET
WNMD2180-8/TR WILLSEMI-WNMD2180-8/TR Datasheet
2Mb / 8P
Dual N-Channel, 20V, 11A, Power MOSFET
WNMD2181 WILLSEMI-WNMD2181 Datasheet
1Mb / 8P
Dual N-Channel, 20V, 13A, Power MOSFET
WNMD2181-6/TR WILLSEMI-WNMD2181-6/TR Datasheet
1Mb / 8P
Dual N-Channel, 20V, 13A, Power MOSFET
WNMD2182 WILLSEMI-WNMD2182 Datasheet
1Mb / 7P
Dual N-Channel, 20V, 9.5A, Power MOSFET
More results


Similar Description - WNMD2185

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF540 UTC-UF540 Datasheet
156Kb / 3P
27A, 100V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOC3860 AOSMD-AOC3860 Datasheet
350Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
AOC3870A AOSMD-AOC3870A Datasheet
413Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
logo
Will Semiconductor Ltd.
WNMD2174 WILLSEMI-WNMD2174 Datasheet
2Mb / 8P
Dual N-Channel, 12V, 6A, Power MOSFET
WNMD2183 WILLSEMI-WNMD2183 Datasheet
1Mb / 8P
Dual N-Channel, 12V, 14A, Power MOSFET
logo
First Silicon Co., Ltd
IRF540I FS-IRF540I Datasheet
1Mb / 4P
N -Channel Power MOSFET (100V/27A)
IRF540F FS-IRF540F Datasheet
1Mb / 4P
N -Channel Power MOSFET (100V/27A)
IRF540D FS-IRF540D Datasheet
1Mb / 4P
N -Channel Power MOSFET (100V/27A)
IRF540 FS-IRF540 Datasheet
1Mb / 4P
N -Channel Power MOSFET (100V/27A)
logo
Alpha & Omega Semicondu...
AOCA24108E AOSMD-AOCA24108E Datasheet
448Kb / 5P
12V Common-Drain Dual N-Channel MOSFET
Rev.1.0: July 2018
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com