Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2060 Datasheet (PDF) - List of Unclassifed Manufacturers

Part # 2060
Description  38-mm (1 1/2-inch) 10 stage, End-Window Photomultiplier
File Size   295.95 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

2060 Datasheet (PDF) - List of Unclassifed Manufacturers



Similar Part No. - 2060

ManufacturerPart #DatasheetDescription
logo
Heyco.
2060 HEYCO-2060 Datasheet
133Kb / 1P
Snap Bushings
logo
Christian Bürkert GmbH ...
2060 BURKERT-2060 Datasheet
1Mb / 25P
Pneumatically operated 2/2-way angle seat valve with stainless steel actuator
20.03.2024
2060 BURKERT-2060 Datasheet
2Mb / 20P
Modular process valve cluster – distributor and collector
06.03.2024
logo
Belden Inc.
2060 BELDEN-2060 Datasheet
387Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset: Male straight D-coded
02-03-2025
logo
Dwyer Instruments,
2060 DWYER-2060 Datasheet
1Mb / 4P
MAGNEHELIC® DIFFERENTIAL PRESSURE GAGES Indicate Positive, Negative or Differential, Accurate within 1%
More results


Similar Description - 2060

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R5108 HAMAMATSU-R5108_03 Datasheet
205Kb / 4P
PHOTOMULTIPLIER TUBE 28 mm (1-1/8 Inch) Transmission Mode S-1 Photocathode, Side-on Type
R9876 HAMAMATSU-R9876 Datasheet
241Kb / 4P
PHOTOMULTIPLIER TUBE 28 mm (1-1/8 Inch) Diameter, 9-Stage, Side-On Type
R1463 HAMAMATSU-R1463_15 Datasheet
49Kb / 2P
13 mm (1/2 Inch) Diameter, S-20 Spectral Response Multialkali Photocathode, 10-Stage, Head-on Type
R759 HAMAMATSU-R759_15 Datasheet
40Kb / 2P
For UV Range, 13 mm (1/2 Inch) Diameter Head-on, 10-Stage, Cs-Te Photocathode
R580 HAMAMATSU-R580_15 Datasheet
50Kb / 2P
For Scintillation Counting and High Energy Physics 38 mm (1-1/2 lnch) Diameter, 10-stage, Bialkali Photocathode, Head-on Type
logo
Pulse A Technitrol Comp...
SPEN14918HD PULSE-SPEN14918HD Datasheet
543Kb / 6P
1/2 WAVE END FED
logo
Hamamatsu Corporation
R12857 HAMAMATSU-R12857 Datasheet
144Kb / 2P
13 mm (1/2 inch) diameter, 9-stage, High QE multialkali photocathode
logo
Qorvo, Inc
TQP9109 QORVO-TQP9109 Datasheet
712Kb / 11P
1/2 W 2-stage Linear Amplifier
logo
WAGO Kontakttechnik Gmb...
2002-1592 WAGO-2002-1592 Datasheet
80Kb / 2P
End plate; 1 mm thick; orange
25.11.2021
logo
List of Unclassifed Man...
AC4598 ETC-AC4598 Datasheet
377Kb / 3P
10 amp per circuit 1-1/2 inch through-bore
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com