| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
BDL26040
|
117Kb / 3P |
PowerPact B Circuit Breaker, 40A, 2P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jun 21, 2020 |
|
BDL36050
|
124Kb / 3P |
PowerPact B Circuit Breaker, 50A, 3P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jun 22, 2020 |
|
BDL36070
|
136Kb / 3P |
PowerPact B Circuit Breaker, 70A, 3P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jun 22, 2020 |
|
BDL46040
|
123Kb / 3P |
PowerPact B Circuit Breaker, 40A, 4P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jun 25, 2020 |
|
BDM36040
|
116Kb / 3P |
PowerPact B Circuit Breaker, 40A, 3P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jun 30, 2020 |
|
BDL36040
|
124Kb / 3P |
PowerPact B Circuit Breaker, 40A, 3P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jul 6, 2020 |
|
BDM26040
|
93Kb / 3P |
PowerPact B Circuit Breaker, 40A, 2P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jul 6, 2020 |
|
BDM46040
|
118Kb / 2P |
PowerPact B Circuit Breaker, 40A, 4P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jul 6, 2020 |
|
BDP26040
|
93Kb / 3P |
PowerPact B Circuit Breaker, 40A, 2P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jul 6, 2020 |
|
BDP46040
|
118Kb / 2P |
PowerPact B Circuit Breaker, 40A, 4P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jul 6, 2020 |