Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPA2609DEVB1 Datasheet (PDF) - Qorvo, Inc

Part # QPA2609DEVB1
Description  7 ??14 GHz Low Noise Amplifier
File Size   1070.96 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA2609DEVB1 Datasheet (PDF) - Qorvo, Inc



Similar Part No. - QPA2609DEVB1

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA2609 QORVO-QPA2609 Datasheet
1Mb / 17P
7 ??14 GHz GaAs Low Noise Amplifier
QPA2609EVB1 QORVO-QPA2609EVB1 Datasheet
1Mb / 17P
7 ??14 GHz GaAs Low Noise Amplifier
QPA2609S2 QORVO-QPA2609S2 Datasheet
1Mb / 17P
7 ??14 GHz GaAs Low Noise Amplifier
QPA2609SR QORVO-QPA2609SR Datasheet
1Mb / 17P
7 ??14 GHz GaAs Low Noise Amplifier
QPA2609TR7 QORVO-QPA2609TR7 Datasheet
1Mb / 17P
7 ??14 GHz GaAs Low Noise Amplifier
More results


Similar Description - QPA2609DEVB1

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC564LC4 HITTITE-HMC564LC4 Datasheet
267Kb / 6P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 7 - 14 GHz
HMC-ALH216 HITTITE-HMC-ALH216 Datasheet
190Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 14 - 27 GHz
HMC-ALH476 HITTITE-HMC-ALH476 Datasheet
190Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 14 - 27 GHz
HMC504LC4B HITTITE-HMC504LC4B Datasheet
911Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 14 - 27 GHz
HMC516 HITTITE-HMC516_09 Datasheet
256Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 17 GHz
HMC564LC4 HITTITE-HMC564LC4_09 Datasheet
233Kb / 6P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 7 - 14 GHz
logo
Texas Instruments
LMH3404 TI1-LMH3404 Datasheet
181Kb / 8P
Dual, 7-GHz, Low-Noise, Low-Power, Fully-Differential Amplifier
logo
Custom MMIC Design Serv...
CMD189P3 MMIC-CMD189P3 Datasheet
243Kb / 10P
10-14 GHz Low Noise Amplifier
CMD277C4 MMIC-CMD277C4 Datasheet
249Kb / 12P
5-7 GHz GaN Low Noise Amplifier
logo
Qorvo, Inc
QPA2609 QORVO-QPA2609 Datasheet
1Mb / 17P
7 ??14 GHz GaAs Low Noise Amplifier
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com