| Manufacturer | Part # | Datasheet | Description |
 SHANGHAI BELLING CO., L... |
BL8023C
|
471Kb / 6P |
5 to 36V input voltage range
|
 Texas Instruments |
PT4484-48V
|
182Kb / 8P |
36V to 75V Input Voltage Range
|
 RICOH electronics devic... |
R1516
|
341Kb / 14P |
Input Voltage Range 4V to 36V
April 1, 2012 |
|
R1511
|
874Kb / 20P |
Input Voltage Range 3.5V to 36V
April 1, 2012 |
 Maxim Integrated Produc... |
MAXM15467
|
747Kb / 10P |
Wide 4.5V to 36V Input Range
Rev 0; 3/19 |
|
MAX17245EVKIT
|
2Mb / 13P |
Wide 6V to 36V Input Supply Range
Rev 0; 3/16 |
|
MAX17231EVKIT
|
1,021Kb / 11P |
3.5V to 36V Wide Input Supply Range
Rev 0; 5/17 |
|
MAX20028EVKIT
|
423Kb / 8P |
3.5V to 36V Input Range
Rev 1; 2/19 |
|
MAX25231EVKIT
|
1Mb / 6P |
3.5V to 36V Input Supply Range
Rev 0; 11/20 |
|
MAX40002EVKIT
|
632Kb / 6P |
0.1V to 5.5V Input Voltage Range
Rev 1; 2/20 |