| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX9117
|
336Kb / 13P |
SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02 |
|
MAX9025
|
813Kb / 13P |
UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04 |
|
MAX9117
|
342Kb / 14P |
SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07 |
|
MAX14777
|
862Kb / 16P |
Quad Beyond-the-Rails -15V to 35V Analog Switch
Rev 1; 10/13 |
|
MAX9117EXK-T
|
342Kb / 14P |
SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07 |
 3PEAK INC. |
TP1961
|
1Mb / 18P |
7ns, 1/2/4, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
|
 Maxim Integrated Produc... |
MAX20336
|
756Kb / 12P |
Ultra-Small, Low-RON, Beyond-the-Rails DPST Analog Switches
Rev 0; 2/19 |
|
MAX14662
|
1Mb / 23P |
Beyond-the-Rails 8 x SPST
Rev 1; 6/14 |
|
MAX14689
|
792Kb / 12P |
Ultra-Small, Low-RON, Beyond-the-Rails??DPDT Analog Switches
19-6784; Rev 5; 6/20 |
|
MAX20327
|
721Kb / 13P |
12V Capable, Low-RON, Beyond-the-Rails??DPDT Analog Switch
19-100268; Rev 0; 6/18 |